Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4354 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4354
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4354 Datasheet HTML 4Page - Linear Technology LTC4354 Datasheet HTML 5Page - Linear Technology LTC4354 Datasheet HTML 6Page - Linear Technology LTC4354 Datasheet HTML 7Page - Linear Technology LTC4354 Datasheet HTML 8Page - Linear Technology LTC4354 Datasheet HTML 9Page - Linear Technology LTC4354 Datasheet HTML 10Page - Linear Technology LTC4354 Datasheet HTML 11Page - Linear Technology LTC4354 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC4354
12
4354f
LTC4354
LOAD
DB
GA
DA
GB
VSS
VB = –48V
VA = –48V
–48V_RTN
FAULT
IRF540NS
IRF540NS
4354 TA05
VCC
33k
12k
0.5W
2k
2k
LED
1µF
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0704 1K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1640AH/LT1640AL
Negative High Voltage Hot Swap™ Controllers in SO-8
Negative High Voltage Supplies from –10V to –80V
LT4250
–48V Hot Swap Controller
Active Current Limiting, Supplies from –20V to –80V
LTC4251/LTC4251-1
–48V Hot Swap Controllers in SOT-23
Fast Active Current Limiting, Supplies from –15V
LTC4251-2
LTC4252-1/LTC4252-2,
–48V Hot Swap Controllers in MS8/MS10
Fast Active Current Limiting, Supplies from –15V,
LTC4252-1A/LTC4252-2A
Drain Accelerated Response
LTC4253
–48V Hot Swap Controller with Sequencer
Fast Active Current Limiting, Supplies from –15V,
Drain Accelerated Response, Sequenced Powergood Outputs
LT4351
MOSFET Diode-OR Controller
N-Channel MOSFET, 1.2V to 18V, Fast Switching for High Current
LTC4412
Low Loss PowerPath™ Controller in ThinSOT™
P-Channel MOSFET, 3V to 28V Range
Hot Swap, PowerPath and ThinSOT are trademarks of Linear Technology Corporation.
–48V Diode-OR Controller with Fuse Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com