Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0747LF-50CM Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0747LF-50CM
Description  2.4mm Male to 2.92mm Male Cable 50 cm Length Using PE-P086 Coax, LF Solder, RoHS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0747LF-50CM Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0747LF-50CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0747LF-50CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0747LF-50CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0747LF-50CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C0747LF-50CM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C0747LF-50CM Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mechanical Specifications
Cable Assembly
Length*
19.69 in [500.13 mm]
Diameter
0.312 in [7.92 mm]
.
Cable
Cable Type
PE-P086
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Blue
Jacket Diameter
0.104 in [2.64 mm]
.
One Time Minimum Bend Radius
0.4 in [10.16 mm]
Repeated Minimum Bend Radius
1.6 in [40.64 mm]
Connectors
Description
Connector 1
Connector 2
Type
2.4mm Male
2.92mm Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Gold
Dielectric Type
PPO
Body Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 in.
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +200 deg C
PE3C0747LF-50CM REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.92mm Male Cable 50 cm Length Using PE-P086 Coax, LF Solder, RoHS
PE3C0747LF-50CM
RF Cable Assemblies Technical Data Sheet
PE3C0747LF-50CM
2.4mm Male to 2.92mm Male Cable 50 cm Length
Using PE-P086 Coax, LF Solder, RoHS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com