Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P8S
Description  8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P8S Datasheet(HTML) 2 Page - Vishay Siliconix

  P8S Datasheet HTML 1Page - Vishay Siliconix P8S Datasheet HTML 2Page - Vishay Siliconix P8S Datasheet HTML 3Page - Vishay Siliconix P8S Datasheet HTML 4Page - Vishay Siliconix P8S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P8S
www.vishay.com
Vishay Sfernice
Revision: 03-Apr-17
2
Document Number: 51020
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
270° ± 15°
Resistance range
10
 to 2.2 M
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
standard
± 10 %
on request
± 5 %
Power rating
P8SX, P8SY
0.5 W at 70 °C
P8ST
1 W at 70 °C
Power rating chart
Circuit diagram
Temperature coefficient
See Standard Resistance Element Table
Limiting element voltage (linear law)
250 V
Contact resistance variation
3 % Rn or 3
End resistance (typical)
1
Dielectric strength (RMS)
1000 V
Insulation resistance (500 VDC)1 G
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque (max. Ncm)
3
End stop torque (max. Ncm)
6
Unit weight (max. g)
P8SX, P8SY
P8ST
1.1
3.6
Terminals
SnAg alloy (code e2)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/125/56
Sealing
IP67
Fully sealed
0
20
40
100
125
140
70
60
0.5
0
1
AMBIENT TEMPERATURE IN DEGREES CELSIUS
80
P8SX - P8SY
P8ST
a
c
b
cw
(2)
(3)
(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com