Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTC307C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTC307C
Description  Thermistors Motor Start Pellets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTC307C Datasheet(HTML) 2 Page - Vishay Siliconix

  PTC307C Datasheet HTML 1Page - Vishay Siliconix PTC307C Datasheet HTML 2Page - Vishay Siliconix PTC307C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PTC307C Series
www.vishay.com
Vishay Cera-Mite
Revision: 11-Aug-10
2
Document Number: 22998
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•
R25 = zero power resistance measured at < 0.5 VDC, standard tolerance ± 30 %, other tolerances and values on request
•
RDYN = nominal dynamic resistance during inrush, measured with Vmeas. applied, for information only
• The maximum voltage is the voltage that appears across the PTC in a motor start application. This is not the applied line voltage.
Withstanding voltage of all UL approved types is minimum twice the specified maximum operating voltage.
• UL recoginition following XGPU2 category of standard UL1434, file E148885
TYPICAL PTC CURRENT VS. TIME SHOWING DEFINITION OF RDYN AND SWITCH TIME (t)
ELECTRICAL DATA AND ORDERING INFORMATION
PART NUMBER
R25 (1)
± 30 %
(Ω)
RDYN (2)
(Ω)
Vmeas.
RDYN
(VRMS)
MAX.
VOLTAGE (3)
(VRMS)
MAX.
CURRENT
(ARMS)
SIZE
Ø x T
(mm)
UL (4)
TSWITCH
(°C)
PTC307C1674P
5.0
4.0
120
200
10
16 + 0.2/- 0.4
x 2.5 ± 0.25
Y
105
PTC307C1700P
6.8
5.0
120
200
10
Y
105
PTC307C1711P
10
7.2
120
200
10
Y
105
PTC307C1668P
5.0
4.0
120
180
12
17.5 ± 0.3
x 2.5 ± 0.25
Y
120
PTC307C1644P
6.8
5.0
120
200
10
Y
120
PTC307C1651P
10
7.2
120
200
10
Y
120
PTC307C1720P
20
13
120
320
8
Y
120
PTC307C1411P
3.3
2.6
120
160
12
20 + 0.2/- 0.8
x 2.5 ± 0.25
Y
120
PTC307C1484P
4.7
3.5
120
180
12
Y
120
PTC307C1544P
5.6
4.1
120
180
12
Y
120
PTC307C1399P
6.8
5.0
120
200
10
Y
120
PTC307C1489P
10
7.2
120
230
9
Y
120
PTC307C1476P
12
8.5
120
250
8.5
Y
120
PTC307C1530P
15
10.5
120
300
8
Y
120
PTC307C1531P
22
15
120
400
8
Y
120
PTC307C1282P
33
22
120
355
6
Y
120
PTC307C1533P
47
30
120
400
5
Y
120
PTC307C1292P
68
42
120
430
4
Y
120
PTC307C1487P
3.9
3.0
50
175
16
20 + 0.2/- 0.8
x 3.2 ± 0.25
Y
120
PTC307C1529P
12
10.3
100
350
8
Y
120
PTC307C1545P
14
12
100
320
8
Y
120
PTC307C1640P
30
15.9
240
380
12
Y
120
PTC307C1740P
30
15.9
240
450
7
Y
120
PTC307C1024P
38
25
240
400
9
20 + 0.2/- 0.8
x 5.0 ± 0.25
Y
120
PTC307C1409P
50
35
240
400
7.5
Y
120
PTC307C1410P
75
50
240
400
5.5
Y
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Peak current
Time to Switch (s)
Motor contactor
closes
PTC switchout
Switch time (t)
h = Specific heatcapacity = 2.3 J/Kcm
3
T
0 = PTC temp. at time 0
V = PTC volume in cm
3 (D/2)2T
π
Resistance
Current
Switch time (t)
0.01
50
100
150
10
PTC Temperature °C
Switch time t
≈
h x V x (
T
switch - T0)
I2
PTC x RDYN
20 % peak current
R
DYN =
V
meas.
I
PTC max.
100
1000
10 000
0.1
1.0
10.0
Solid ceramic disc
Base electrode
Silver electrode
T
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com