Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS53L32A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 10Page - Cirrus Logic CS53L32A Datasheet HTML 11Page - Cirrus Logic CS53L32A Datasheet HTML 12Page - Cirrus Logic CS53L32A Datasheet HTML 13Page - Cirrus Logic CS53L32A Datasheet HTML 14Page - Cirrus Logic CS53L32A Datasheet HTML 15Page - Cirrus Logic CS53L32A Datasheet HTML 16Page - Cirrus Logic CS53L32A Datasheet HTML 17Page - Cirrus Logic CS53L32A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
CS53L32A
14
DS513F1
2.
TYPICAL CONNECTION DIAGRAM
MCLK
LRCK
SCLK
RST
SDA/CDIN/DIF
SCL/CCLK/ChSEL
AD0/CS/DIV
GND
µc/
Digital
Audio
Source
VA
FILT+
REF_GND
CS53L32A
1.8 to 3.3 V
Supply
*Ferrite
bead
1.0 µF
0.1 µF
+
1.0 µF
1.8 to 3.3 V
Supply
1.0 µF
+
VL
*Ferrite
bead
+
5
1
13
16
6
Mode
Configuration
0.47 µF
150
Ω
0.47 µF
150
Ω
0.47 µF
150
Ω
0.01 µF
0.47 µF
150
Ω
AIN_L1
AIN_R1
AIN_L2
AIN_R2
**
**
**
**
SDOUT
**Optional if analog input
circuit is biased within
±5% of CS53L32A
nominal bias voltage
* Optional
VQ
1.0 µF
19
18
17
15
14
AFLTL
2
7
3
4
20
9
10
8
12
AFLTR
11
0.01 µF
0.01 µF
0.01 µF
0.1 µF
1 nF
1 nF
+
0.1 µF
0.1 µF
Figure 6. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com