Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFS
Description  Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFS Datasheet(HTML) 1 Page - Vishay Siliconix

  TFS Datasheet HTML 1Page - Vishay Siliconix TFS Datasheet HTML 2Page - Vishay Siliconix TFS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TFS
www.vishay.com
Vishay Sfernice
Revision: 11-Jan-18
1
Document Number: 60033
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wraparound and Single-In-Line,
Thin Film Nickel Temperature Sensors
Vacuum deposited nickel films are used to produce
temperature sensors with various characteristics. The small
size and small thermal mass of these devices result in a
quick response to changes in temperature.
FEATURES
• Conforms to the DIN 43760 specs in -60 °C to
+180 °C temperature range
• TCR: 6180 ppm/°C (between 0 °C and 100 °C) (3)
• Wide resistance range: 25
 to 2500 , TFS-S
25
 to 250 , TFS-W
• Packaging available: W/A, SIL
• 2 versions: SMD and through hole
• High stability (
and
< 0.2 % 1000 h at Pn at
150 °C)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Notes
(1) Nominal value
(2) Between 0 °C and 100 °C
(3) The ohmic value RT at temperature T (°C) depends on R0 (ohmic value at 0 °C) according to the following equation:
RT/R0 = 1 + 5.485 x 10-3 T + 6.65 x 10-6 T2 + 2.805 x 10-11 T4
Example: A T = 100 °C
RT/R0 = 1.6180
TCR = ± 6180 ppm/°C
Vishay Sfernice can calculate ohmic value at T = 0 °C (as ohmic value mentioned in ordering procedure is at 23 °C)
(4) TFS-S is a single in line (through-hole)
Available
Available
Available
Available
R
R
--------
CT
CT
-----------
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE AT 23 °C (1)
RATED POWER
W
MAX. CURRENT
mA
TOLERANCE
± %
TEMPERATURE
COEFFICIENT (2) (3)
± ppm/°C
TFS-S
0.2" lead spacing (4)
25 to 2500
0.500
5
1, 2
6180
TFS-W
0805
25 to 100
0.200
4
1, 2
6180
TFS-W
1206
25 to 250
0.330
4.5
1, 2
6180
CLIMATIC SPECIFICATIONS
Operating temperature range
-55 °C to +125 °C
Storage temperature range
-55 °C to +155 °C
MECHANICAL SPECIFICATIONS
Resistive element
Nickel, around 1.5 μm thick
Substrate material
99.6 % alumina
Leads (TFS-S)
Tin/silver plated on copper alloy
Terminals (TFS-W)
Tin silver over nickel
TECHNICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
NICKEL
Tolerance on temperature
up to 0, 33 °C
Stability
< 0.2 %;
< 0.2 %
1000 h at Pn at +150 °C
Thermal conductance (TFS-S only)
= 6.7 mW/°C (for information only)
In air
R
R
--------
CT
CT
------------
1
R
th
--------


Similar Part No. - TFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
Splash Proof Miniature Snap-acting Switches
TFS CK-COMPONENTS-TFS Datasheet
750Kb / 8P
Splash Proof Mid Size Snap-acting Switches
30 Apr 21
logo
Vishay Siliconix
TFS VISHAY-TFS Datasheet
92Kb / 3P
Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
TFS-S VISHAY-TFS-S Datasheet
92Kb / 3P
Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
TFS-W VISHAY-TFS-W Datasheet
92Kb / 3P
Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
More results

Similar Description - TFS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
PHP VISHAY-PHP Datasheet
132Kb / 4P
High Power Thin Film Wraparound Chip Resistor
24-Feb-11
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
PHP VISHAY-PHP_15 Datasheet
135Kb / 5P
High Power Thin Film Wraparound Chip Resistor
07-Aug-14
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
Nickel thin film PTC element
25-Oct-11
BU2506-E3 VISHAY-BU2506-E3 Datasheet
115Kb / 6P
Thin single in-line package
16-Aug-13
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
L0603 VISHAY-L0603 Datasheet
161Kb / 5P
SMD Wraparound Ultra Low Value Thin Film Resistors
31-Jan-2020
TFS VISHAY-TFS_V01 Datasheet
92Kb / 3P
Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com