Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSM4
Description  5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix TSM4 Datasheet HTML 4Page - Vishay Siliconix TSM4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSM4
www.vishay.com
Vishay Sfernice
Revision: 12-Jan-17
4
Document Number: 51009
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING in millimeters
On tape and reel, by 500 pieces for Z version: Code TR500, or 250 pieces for Y version: Code TR250.
In bulk on request (plastic box of 50 pieces): Code BO50.
Version Y
Version Z
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
TSM4
YJ
YL
ZJ
ZL
From
10
 to 1 M
504 = 500 k
K = 10 %
R10 =
reel 500 pieces
for ZJ and ZL
R05 =
reel 250 pieces
for YJ and YL
On request
B25 =
box of 50 pieces
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
TSM4
YL
500K
10 %
TR
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD (Pb)-FREE
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
Ø 178
Ø 23
Ø 12.7
13
2
12
4
2
Ø 1.5
6.46
5.5
0.3
3.95
0.3
2
4
6.07
8
Ø 1.5
05
50
K
4R
L
M4
Y
S
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com