Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXN1010 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXN1010
Description  Bluetooth Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXN1010 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXN1010 Datasheet HTML 3Page - Sony Corporation CXN1010 Datasheet HTML 4Page - Sony Corporation CXN1010 Datasheet HTML 5Page - Sony Corporation CXN1010 Datasheet HTML 6Page - Sony Corporation CXN1010 Datasheet HTML 7Page - Sony Corporation CXN1010 Datasheet HTML 8Page - Sony Corporation CXN1010 Datasheet HTML 9Page - Sony Corporation CXN1010 Datasheet HTML 10Page - Sony Corporation CXN1010 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
– 7 –
CXN1010
Radio Characteristics
(Temperature: –20 to +85°C)
Transmitter
Output power (Average)
Modulation characteristics
Initial carrier frequency
tolerance
Carrier frequency drift
Drift rate
20dB bandwidth
Adjacent channel power
Out-of-band spurious
emissions
Unit
dBm
kHz
kHz
kHz
kHz
kHz
kHz
kHz/
50µs
kHz/
50µs
kHz/
50µs
kHz
dBm
dBm
dBm
dBm
dBm
dBm
delta-f1 avg
delta-f2 max
DH1
DH3
DH5
DH1
DH3
DH5
|M-N| = 2
|M-N|
≥3
30M-1G
1G-12.75G
1.8G-1.9G
5.15G-5.3G
Condition
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
Remark
Internal PA = 46
11110000 mod.
1010 mod.
Typ.
0
165
140
10
12
12
15
8
10
12
900
–40
–50
–65
–55
–75
–75
Min.
–6
140
115
Max.
4
175
75
25
40
40
20
20
20
1000
–20
–40
–36
–30
–47
–47
NTC: Normal Test Conditions +15 to +35°C, N & ETC: Normal & Extreme Test Conditions –20 to +85°C
Input/Output Terminal Characteristics (continued)
CE Terminal
Input Voltage
VIL input logic level low
VIH input logic level high
Input Current
IIL input logic level low
IIH input logic level high
Unit
V
V
µA
µA
Typ.
Min.
1.7
–0.15
–0.15
Max.
0.2
VDD3.0
0.15
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com