Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC50462 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC50462 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SC50462 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Silan
Semiconductors
SC50462
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
6
Data Code
Octal Display
Scan Output
D0
D1
D2
D3
D4
D5
D6
D7
D0~D2
D3~D5
D6~D7
S5/I2 (SW25)
00
110
010
4
1
1
S6/I2 (SW26)
10
110
010
5
1
1
S7/I2 (SW27)
01
110
010
6
1
1
S1/I1
(SW11)
S8/I2 (SW28)
11
110
010
7
1
1
S5/I2 (SW25)
00
110
001
4
1
2
S6/I2 (SW26)
10
110
001
5
1
2
S7/I2 (SW27)
01
110
001
6
1
2
S2/I1
(SW12)
S8/I2 (SW28)
11
110
001
7
1
2
S5/I2 (SW25)
00
110
011
4
1
3
S6/I2 (SW26)
10
110
011
5
1
3
S7/I2 (SW27)
01
110
011
6
1
3
S3/I1
(SW13)
S8/I2 (SW28)
11
110
011
7
1
3
Table 2: Double Key Signal/Code
5. CUSTOM CODE
SC50462 has a total of 8 bits custom code (C0~C7). Custom Code Bits –C4 and C5 can be externally selected
using the
4
C
and
5
C
Terminals. The
4
C
and
5
C
pins are inversed; therefore, if the
4
C
and
5
C
terminals are
pulled HIGH, then the Custom Code Bits—C4 and C5 would have the Value(0,0). Likewise, when pulled LOW, then
C4 and C5 bits will be (1,1),The other Customs Code Bits,namely:C0~C3 and C6,C7 are fixed at (1,1,1,0) and
(1,0 ):
The waveform of bits are given below:
0.25/0.26ms
1.00/1.05ms
2.00/2.10ms
Bit "0"
Bit "1"
Note: Oscillator Frequency=480 or 455kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com