Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 117 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 113Page - STMicroelectronics L9678P Datasheet HTML 114Page - STMicroelectronics L9678P Datasheet HTML 115Page - STMicroelectronics L9678P Datasheet HTML 116Page - STMicroelectronics L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics L9678P Datasheet HTML 119Page - STMicroelectronics L9678P Datasheet HTML 120Page - STMicroelectronics L9678P Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 203 page
background image
DocID029274 Rev 3
117/203
L9678P, L9678P-S
Deployment drivers
202
well as the pull-down current generator. If the VRCM block works properly, the short to
battery flag would be asserted.
Then, the Isink current limited switch (ISNK) is connected to SRx pin, the Voltage Regulator
Current Monitor block (VRCM) is enabled and connected to the selected SRx pin. The
Isource current generator (ISRC) is turned off, as well as the pull-down current generator. If
the VRCM block works properly, the short to ground flag would be asserted.
Figure 26. SRx pull-down enable logic
Once the VRCM block is validated, the real leakage tests can be performed. ISRC and
ISNK currents have to be kept switched off. The VRCM shall be connected to the desired
pin (either SFx or SRx pins); by doing this, also the pull-down current on the selected SRx
pin is automatically deactivated. During the test, if no leakage is present the voltage on the
selected SFx or SRx pin will be forced by the VRCM to the VREF level and no current is
detected or sourced by the VRCM. If there is leakage to ground or battery, the VRCM will
sink or source current trying to maintain VREF. Two current comparators, ISTB and ISTG,
will detect the abnormal current flow and the relative flags will be given in the LPDIAGSTAT
(these flags are not latched and report the real time status of the relevant comparators in
case of low-level leakage diagnostic test). In LPDIAGSTAT register are also reported the
channel and the pin (SFx or SRx) under test, respectively with LEAK_CHSEL and SQP bit
fields.
The pull-down currents on the other SRx pins are still active. Therefore, the leakage test
that would show a leakage to ground may be depending on a real leakage on the pin under
test or on a short between loops.
Short between loops diagnostics
In case the previous test has reported a leakage to ground fault, the short between loops
diagnostics shall be run. The same procedure is followed as described for normal leakage
tests except the fact that in this case all the pull-down current generators have to be
deactivated (not only the one for the pin under test), by means of the PD_CURR bit in the
Diagnostic Request Register (LPDIAGREQ). If a leakage or ground fault is not present, then
the channel under test has a short to another squib loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com