Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 118 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 118 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 114Page - STMicroelectronics L9678P Datasheet HTML 115Page - STMicroelectronics L9678P Datasheet HTML 116Page - STMicroelectronics L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics L9678P Datasheet HTML 119Page - STMicroelectronics L9678P Datasheet HTML 120Page - STMicroelectronics L9678P Datasheet HTML 121Page - STMicroelectronics L9678P Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 203 page
background image
Deployment drivers
L9678P, L9678P-S
118/203
DocID029274 Rev 3
The condition of two open channels, i.e. without squib resistance connecting SFx to SRx,
that have a short between loops on SFx cannot be detected. If only one of the two shorted
SFx pins is open, the fault is indicated on the open channel.
Squib resistance measurement
During a resistance measurement, a two-step process is performed. At the first step, both
ISRC current generator and ISNK current limited switch are enabled and connected to the
selected SFx and SRx channel, through ISRC, ISNK and RES_MEAS_CHSEL bit fields in
the Loop Diagnostic Request Register (LPDIAGREQ). A differential voltage is created
between the SFx and SRx pin based in the ISRC current and squib resistance between the
pins. The SPI interface will provide the first resistance measurement voltage (Vout1) based
on the amplifying factor of the differential amplifier and a 10 bit internal ADC conversion.
The second measurement step (bypass measurement) is performed redirecting ISRC to the
selected SRx pin, while keeping ISNK on; this way, the differential amplifier and following
ADC will output the offset measurement through SPI (Vout2). Microcontroller is then allowed
to calculate the mathematical difference between first and second measurements to obtain
the real squib resistance value. The current sources ISRC and ISNK used for Squib
Resistance measurements are completely controlled by the user via SPI. Optionally, an
automatic control by the IC for current sources switch-off after ADC reading can be
activated by enabling the EN_AUTO_SWITCH_OFF bit in the SYS_CFG register.
Vout1
GIsource
Rleak Rsq
Rleak Rsq
+
-------------------------------



Rsq
Rleak Rsq
+
------------------------------- Vgnd VrefSQL
–

+
GVoffset
+
=
Vout2
GRsq
Rleak Rsq
+
-------------------------------
Vgnd VrefSQL
–

GVoffset
+
=
Rsq
Vout
GIsrc
--------------------
=
(assuming Rleak >> Rsq)
where:
G = differential amplifier gain.
The simplification in the calculation method reported above can result in some amount of
error that is already incorporated in the overall tolerance of the squib resistance
measurement reported in the electrical parameters table.
Table 8. Short between loops diagnostics decoding
Fault condition on
squib channel
Channel leakage diagnostics with
PD_CURR on (for other channels
than the one under test
Channel leakage diagnostics
with PD_CURR off
(for all channels)
No shorts
No fault
No fault
Short to battery
STB fault
STB fault
Short to ground
STG fault
STG fault
Short between loops
STG fault
No fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com