Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 147 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 147 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 143Page - STMicroelectronics L9678P Datasheet HTML 144Page - STMicroelectronics L9678P Datasheet HTML 145Page - STMicroelectronics L9678P Datasheet HTML 146Page - STMicroelectronics L9678P Datasheet HTML 147Page - STMicroelectronics L9678P Datasheet HTML 148Page - STMicroelectronics L9678P Datasheet HTML 149Page - STMicroelectronics L9678P Datasheet HTML 150Page - STMicroelectronics L9678P Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 203 page
background image
DocID029274 Rev 3
147/203
L9678P, L9678P-S
Safing logic
202
Comb (Combined Data) bit allows combining X and Y for off-axis oriented sensors. In this
case, it is typical for such orientations to add or subtract the sensor response to translate the
sensor signal to an on-axis response. Only couples of 16-bit long records have this feature
(i.e. 1&2, 3&4).
Records are added and subtracted and results compare against two thresholds. Safing
engine will process data as follows:
Use record (n) and record (n+1), where n = 1, 3.
The matching inputs used for math combinations are processed only after both records
are captured.
The sum of the two matching inputs will be compared to the threshold of record (n).
The difference of the two records will be compared to the threshold of record (n+1).
If the Comb feature was enabled on only one of the two records in a couple, math
would be performed only on it as shown in Figure 43.
In this example the ARM and dwell assignments for record1 only would be asserted.
All items in the safing records, except En(Record Enable) bit, can be configured only in Diag
state (refer to Figure 9). Additionally, the global bit to select internal or external safing
engine is set in Diag state.
10.3
In-frame and out-of-frame responses
Some sensors will communicate data within the current communication frame while others
will send data on the next communication frame. Sometimes this is sensor specific and
Table 10. Records results comparison against two threshold
Combine Bit
Data
Resulting
Value
Record
Threshold
(assume ARMP)
ARMing Result
Record 1
0
12
12
48
0
Record 2
0
50
50
48
1
Record 3
0
12
12
48
0
Record 4
1
50
50 – 12 = 38
48
0
Record 1
1
12
12 + 50 = 62
48
1
Record 2
0
50
50
48
1
Record 3
1
12
12 + 50 = 62
48
1
Record 4
1
50
50 – 12 = 38
48
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com