Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 151 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 151 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 147Page - STMicroelectronics L9678P Datasheet HTML 148Page - STMicroelectronics L9678P Datasheet HTML 149Page - STMicroelectronics L9678P Datasheet HTML 150Page - STMicroelectronics L9678P Datasheet HTML 151Page - STMicroelectronics L9678P Datasheet HTML 152Page - STMicroelectronics L9678P Datasheet HTML 153Page - STMicroelectronics L9678P Datasheet HTML 154Page - STMicroelectronics L9678P Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 203 page
background image
DocID029274 Rev 3
151/203
L9678P, L9678P-S
Safing logic
202
Figure 49. Safing engine diagnostic logic
A configurable mask for each internal ARMxINT signal is available for all of the integrated
deployment loops (refer to ARMx assignment registers (LOOP_MATRIX_ARMx) on
page 97). The un-masked ARMxINT signal for each loop will enable the respective loop
drivers (refer to Figure 21).
Activation of VSF (regulation rail for High Side Safing FET) occurs upon ARMxINT or
FENH/FENL, depending on SPI configuration (refer to Figure 17). Actual High Side Safing
FET activation still requires microcontroller signal.
L9678P is able to provide arming signals to external deployment loops by means of the
discrete output ARM pin. The ARM pin can either output an arming signal generated by the
integrated safing engine or an arming signal made by the combination of FENH and FENL
input signals, coming from external safing logic.
Figure 50. ARM output control logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com