Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 152 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 152 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 148Page - STMicroelectronics L9678P Datasheet HTML 149Page - STMicroelectronics L9678P Datasheet HTML 150Page - STMicroelectronics L9678P Datasheet HTML 151Page - STMicroelectronics L9678P Datasheet HTML 152Page - STMicroelectronics L9678P Datasheet HTML 153Page - STMicroelectronics L9678P Datasheet HTML 154Page - STMicroelectronics L9678P Datasheet HTML 155Page - STMicroelectronics L9678P Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 203 page
background image
Safing logic
L9678P, L9678P-S
152/203
DocID029274 Rev 3
10.6
Arming pulse stretch
Upon a valid command processed by the safing logic, the Dwell bits to stretch the arming
time assertion (dwell time) apply to each safing record and is used to help safe the
deployment sequence to avoid undesired behaviour.
Once dwell time has started, it will continue, regardless of the En (Record Enable) bit. Dwell
will be truncated in case of SSM reset. Dwell values in the safing records are transferred to
the ARM signal. A dedicated counter is designed for ARM output pin. If different dwell
values are assigned to ARM, the longer value is used. Dwell times can only be extended,
not reduced. If the remaining dwell time is less than the new dwell extension setting, the
new setting will be loaded into the dwell counter.
Dwell times are user programmable.
The behavior of the pulse stretch timer is shown in Figure 51.
Figure 51. Pulse stretch timer example
10.7
Additional communication line
The ACL pin is the Additional Communication Line input that provides a means of safely
activating the arming outputs (ARM and VSF) for disposal of restraints devices at the end of
vehicle life.
A valid ACL detection (as described below) allows L9678P to transition from Scrap state to
Arming state. To remain in Arming state L9678P must receive the correct ACL signal; this
must occur before the scrap time-out timer expires (TdisEOL).
While the System Operating State Machine is in Arming state, the arming outputs are
asserted (ARM=1, VSF on). If the ACL is not correctly received before the time-out expires,
the System Operating State Machine reverts back to the Scrap state, and the arming
outputs are deactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com