Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678PTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9678PTR
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678PTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9678PTR Datasheet HTML 45Page - STMicroelectronics L9678PTR Datasheet HTML 46Page - STMicroelectronics L9678PTR Datasheet HTML 47Page - STMicroelectronics L9678PTR Datasheet HTML 48Page - STMicroelectronics L9678PTR Datasheet HTML 49Page - STMicroelectronics L9678PTR Datasheet HTML 50Page - STMicroelectronics L9678PTR Datasheet HTML 51Page - STMicroelectronics L9678PTR Datasheet HTML 52Page - STMicroelectronics L9678PTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 203 page
background image
DocID029274 Rev 3
49/203
L9678P, L9678P-S
SPI interface
202
5.1
Global SPI register
A summary of all the read/write registers contained within the SPI map are shown below
and are further referenced throughout the specification as they apply. The SPI register
tables also specify the effect of the internal reset signals assertion on each bit field (the
symbol '-' is used to indicate that the register is not affected by the relevant reset signal).
Global status word
L9678P contains an 11-bit word that returns global status information. The GSW is the most
significant 11 bits of SPI_MISO data.
ID
R/W/RW
-R
Register name
Description
GSW
Global Status Word
MISO BIT
31
30
29
28
2726
25
2423
22
21
MISO
GSW
BIT
10
9
8
7
6
5
432
10
Table 7. Global status word (GSW)
Bit
Name
POR WSM SSM
Description
10
SPIFLT
0
0
0
SPI Fault, set if previous SPI frame had wrong parity check or wrong
number of bits, cleared upon read
0 No fault
1 Fault
9
DEPOK
0
0
0
General Deployment Successful Flag, logical OR of the corresponding
CHxDS bits (bit 15) in DSRx Registers
0 All the DSRx-CHDS bits are 0
1 At least one of the DSRx-CHDS bits is 1
8RSFLT
0
0
0
Remote Sensor Interface Fault Present, logical OR of the corresponding
FLTBIT bits (bit 15) in RSDRx Registers
0 All the RSDRx-FLTBIT bits are 0
1 At least one of the RSDRx-FLTBIT bits is 1
7
WDTDIS_S
0
0
0
State of WDTDIS pin
0 WDTDIS = 0
1 WDTDIS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com