Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679P Datasheet(PDF) 120 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 116Page - STMicroelectronics L9679P Datasheet HTML 117Page - STMicroelectronics L9679P Datasheet HTML 118Page - STMicroelectronics L9679P Datasheet HTML 119Page - STMicroelectronics L9679P Datasheet HTML 120Page - STMicroelectronics L9679P Datasheet HTML 121Page - STMicroelectronics L9679P Datasheet HTML 122Page - STMicroelectronics L9679P Datasheet HTML 123Page - STMicroelectronics L9679P Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 272 page
background image
SPI interfaces
L9679P
120/272
DocID029275 Rev 1
1 Ibase tracking is enabled during blanking and disabled after start bits
recognition.
Idelta tracking is disabled during blanking and enabled after start bits
recognition
PERIOD_MEAS_DISABLE
0
0
0 Disabling of start bits period measure to decode following bits
0 Period is measured
1 Period is not measured (default is used)
FIX_THRESH
0
0
0 PSI5 selection of fixed or auto adaptive thresholds
0 auto adaptive threshold
1 fixed threshold (threshold is latched when this bit is set to high, we
recommend to set this bit before enabling of the interface)
TSxDIS
0
0
0 Time Slot Control Disable
0 Slot control enabled
1 Slot control disabled
BLKTxSEL
0
0
0 Blanking Time Selection
0 Blanking time = 5ms
1 Blanking time = 10ms
WSFILT[3:0] 0010 0010 0010 Wheel speed filter time selection
189k:
125k:
(16+x)*Tosc
(24+x)*Tosc
Tosc=1/16MHz
RSPTEN
0
0
0 Pass Through mode Enable
0 Off
1 On
AVG/SSDIS
0
0
0 Current average enable during message transmission
0 Off (base and delta work as configured with bits #12, 14, 15)
1 On: base is freezed during data message and during blanking time and delta
is averaged during message (fcut of the filter=2500 Hz) while is freezed during
blanking time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com