Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679P Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 33Page - STMicroelectronics L9679P Datasheet HTML 34Page - STMicroelectronics L9679P Datasheet HTML 35Page - STMicroelectronics L9679P Datasheet HTML 36Page - STMicroelectronics L9679P Datasheet HTML 37Page - STMicroelectronics L9679P Datasheet HTML 38Page - STMicroelectronics L9679P Datasheet HTML 39Page - STMicroelectronics L9679P Datasheet HTML 40Page - STMicroelectronics L9679P Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 272 page
background image
DocID029275 Rev 1
37/272
L9679P
Start-up and power control
271
6.2.6
IC operating states
Different states can be identified while operating the device. These states allow safe and
predictable initialization, test, operation and final disposal of the part (scrapping).
As soon as the RESET signal is de-asserted at the beginning of the ACTIVE mode, the
microcontroller powers up. At this stage, L9679P is in the Init state: during this state the
device must be initialized by the controller. In particular, the watchdog timer window can be
programmed during this state.
When the watchdog service begins (upon the first successful watchdog feed), the device
switches to Diag state for diagnostics purposes. The remaining configuration of the device is
allowed in this state, in particular for safing records and deployment masks. Several tests
are also enabled while in this state and all these tests are mutually exclusive to one another.
HS and LS switch tests of the squib drivers can only be processed during this Diag state.
Also high side safing FET can only be run during this state. When not in Diag state, any
commands for squib driver switch tests will be ignored. Other checks are also performed: on
the arming outputs to check for non-stuck-at conditions on the pins and on the configured
firing time configuration through one of the ARMx pin. The SSM remains in this state until
commanded to transition into the Safing state or Scrap state via the dedicated SPI
commands.
Upon reception of the SAFING_STATE command while in Diag state, the device enters
Safing state. This is the primary run-time state for normal operation, and the logic performs
the safing function, including monitoring of sensor data and setting of the ARMx signals. The
only means of exiting Safing state is by the assertion of the SSM_Reset signal.
The Scrap state is entered upon reception of the SCRAP_STATE command while in Diag
state. While in Scrap state, the part allows the main microcontroller to initiate a transition to
Arming state, and monitoring of the Remote Sensor SPI interface and the safing logic is
disabled. From Scrap state, the device can transition to Arming state only, and the only
means of moving back to Init state is through an SSM_Reset.
In order to protect from inadvertent entry into Arming state, and to prevent undesired
activation of the safing signals, a handshake mechanism is used to control entry into, and
exit from Arming state. This handshake is described further in Section 11.6. While in Arming
state, the arming outputs are asserted. Exit from Arming state occurs when the periodic
SCRAP_KEY commands cease (timeout), the key value is incorrect, or when SSM_Reset is
asserted. Upon exit, the device re-enters Scrap state, except for the case of SSM_Reset,
which results in entry into Init state.
The device operating states are shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com