Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679P Datasheet(PDF) 217 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 217 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 213Page - STMicroelectronics L9679P Datasheet HTML 214Page - STMicroelectronics L9679P Datasheet HTML 215Page - STMicroelectronics L9679P Datasheet HTML 216Page - STMicroelectronics L9679P Datasheet HTML 217Page - STMicroelectronics L9679P Datasheet HTML 218Page - STMicroelectronics L9679P Datasheet HTML 219Page - STMicroelectronics L9679P Datasheet HTML 220Page - STMicroelectronics L9679P Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 272 page
background image
DocID029275 Rev 1
217/272
L9679P
System voltage diagnostics
271
15.1
Analog to digital algorithmic converter
The device hosts an integrated 10 bit Analog to Digital converter, running at a clock
frequency of 16 MHz. The ADC output is processed by a D to D converter with the following
functions:
Use of trimming bits to recover additional gain error due to resistor dividers mismatch;
Digital low-pass filtering;
Conversion from 12 to 10 bits.
10 bits data are filtered inside the digital section. The number of samples that are filtered
vary depending on the chosen conversion. As per Section 7.3.2, the number of used
samples in converting DC sensor, squib or temperature measurements defaults to 8. The
number of samples for all other measurements defaults to 4. The sample number can be
configured by accessing the SYS_CFG register. After low pass filter, the residual total error
is ±4 LSB. This error figure applies to the case of a ideal reference voltage: the spread of
reference voltage causes a proportional error in the conversion output. The reference
voltage of the ADC is set to 2.5 V.
The conversion time is comprised of several factors: the number of measurements loaded
into the queue, the number of samples taken for any one measurement, and the various
settling times. An example of conversion time calculation for a full ADC request queue is
reported in Figure 69. The timings reported in Figure 69 are nominal ones, min/max values
can be obtained by considering the internal oscillator frequency variation reported in the DC
characteristics section.
Figure 69. ADC conversion time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com