Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 172 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 168Page - STMicroelectronics L9680 Datasheet HTML 169Page - STMicroelectronics L9680 Datasheet HTML 170Page - STMicroelectronics L9680 Datasheet HTML 171Page - STMicroelectronics L9680 Datasheet HTML 172Page - STMicroelectronics L9680 Datasheet HTML 173Page - STMicroelectronics L9680 Datasheet HTML 174Page - STMicroelectronics L9680 Datasheet HTML 175Page - STMicroelectronics L9680 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 277 page
background image
Deployment drivers
L9680
172/277
DocID029257 Rev 1
Figure 35. Deployment timer diagnostic sequence
Squib diagnostics with common SRx connected loops
In case of two SRx pins are intentionally connected together, the PD_CURR_CSR bit of the
Deployment Configuration register (DCR_x, where x = 0, 2, 4, 6, 8, A) must be used to
indicate which loop pairs have the common SRx connection. The purpose of this additional
bit is to control the pull-down current on each channel to be consistent with or without the
Common SRx connected loops. When the DCR_x(PD_CURR_CSR) bit is set for one loop
pair and the Deployment diagnostic is run on that loop pair, the pull-down current is disabled
on both channels of the loop pair selected.
For the squib channel pair with common SRx connection, to understand if the two SFx pins
are shorted together, the squib resistance measurement must be required with the following
setting: LPDIAGREQ[12:11]=11. In this way the ISRC current generator is enabled on the
channel selected by RES_MEAS_CHSEL[3:0] bits while the Differential Operational
Amplifier is connected on the other channel of the squib channel pair. If the short between
the two SFx pin is not present then the Squib resistance measurement results will be close
to 0, otherwise it will be half the real squib resistance.
Loop diagnostics control and results registers
Diagnostic tests and channels for each test are controlled through the Loop Diagnostic
Request Register (LPDIAGREQ), diagnostic results are stored in the Loop Diagnostic
Status Register (LPDIAGSTAT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com