Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 176 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 172Page - STMicroelectronics L9680 Datasheet HTML 173Page - STMicroelectronics L9680 Datasheet HTML 174Page - STMicroelectronics L9680 Datasheet HTML 175Page - STMicroelectronics L9680 Datasheet HTML 176Page - STMicroelectronics L9680 Datasheet HTML 177Page - STMicroelectronics L9680 Datasheet HTML 178Page - STMicroelectronics L9680 Datasheet HTML 179Page - STMicroelectronics L9680 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 277 page
background image
Remote sensor interface
L9680
176/277
DocID029257 Rev 1
When a fault condition is detected, the RSFLT bit of the global status word (GSW) is set to
1. Faults other than Short to Ground and Over-temperature will only clear after read, not by
the disabling of channel.
Data are cleared upon reading the RSDRx register.
9.1
PSI5 mode
All channels are compliant to the PSI-5 v1.3 specification as described below:
Two-wire current interface
Manchester coded digital data transmission
High data transmission speeds of 125 kbps and 189 kbps
Variable data word length (8 & 10 bit only)
1-bit parity
Synchronous operating mode with 3 time slots
An example of the data format for one possible PSI-5 protocol configuration is shown below.
Data size and the error checking may vary, but the presence of 2 sync start bits (referenced
below as sync bits) and 2 TGap time is consistent regardless.
Figure 39. PSI-5 remote sensor protocol (10-bit, 1-bit parity
9.1.1
Functional description
The Remote Sensor Interface block provides a hardware connection between the
microcontroller and up to twelve remote sensors (maximum three per channel). Each
channel is independent on the others, and is not influenced by possible fault conditions
occurring on other channels, such as short circuits to ground or to vehicle battery. Each
channel is supplied by a current limited DC voltage derived from SATBUCK, and monitors
the current sunk from its supply in order to extract encoded data. The remote sensor
modulates the current draw to transmit Manchester-encoded data back to the receiver. The
current level detection threshold for all channels is internally computed by the IC in order to
adapt the signal level to the sensors quiescent current.
All channels can be enabled or disabled independently via SPI commands. The operational
status of all channels can also be read via SPI command. All channels support individual
selective sync-pulse control to allow communication back to the remote sensor via sync-
pulse voltage modulation as described in the PSI5 v1.3 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com