Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCS-312 Datasheet(PDF) 3 Page - Mini-Circuits

Part # QCS-312
Description  2 Way-90째 Power Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCS-312 Datasheet(HTML) 3 Page - Mini-Circuits

  QCS-312 Datasheet HTML 1Page - Mini-Circuits QCS-312 Datasheet HTML 2Page - Mini-Circuits QCS-312 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
QCS-312+
TOTAL LOSS
1.0
2.0
3.0
4.0
5.0
6.0
1700 1900 2100 2300 2500 2700 2900 3100
FREQUENCY (MHz)
S-1
S-2
Typical Performance Data
QCS-312+
ISOLATION
0
10
20
30
40
50
1700 1900 2100 2300 2500 2700 2900 3100
FREQUENCY (MHz)
QCS-312+
PHASE UNBALANCE
85
86
87
88
89
90
1700 1900 2100 2300 2500 2700 2900 3100
FREQUENCY (MHz)
QCS-312+
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
1700.00
3.68
3.00
0.69
24.22
87.12
1.01
1.30
1.02
1740.00
3.62
3.05
0.57
24.46
87.14
1.01
1.29
1.01
1820.00
3.50
3.16
0.34
25.20
87.18
1.02
1.28
1.02
1850.00
3.46
3.20
0.27
25.42
87.19
1.03
1.27
1.02
1900.00
3.41
3.26
0.14
25.94
87.20
1.03
1.26
1.03
1975.00
3.33
3.34
0.02
26.65
87.18
1.04
1.25
1.05
1990.00
3.32
3.36
0.05
26.85
87.19
1.04
1.24
1.05
2000.00
3.31
3.37
0.07
26.96
87.18
1.05
1.24
1.05
2100.00
3.23
3.47
0.24
28.10
87.09
1.06
1.22
1.07
2200.00
3.17
3.55
0.37
29.40
86.98
1.07
1.20
1.09
2300.00
3.14
3.61
0.47
30.83
86.82
1.08
1.17
1.11
2400.00
3.13
3.65
0.52
32.53
86.67
1.09
1.15
1.13
2500.00
3.14
3.67
0.52
34.34
86.51
1.10
1.13
1.14
3000.00
3.61
3.33
0.28
43.36
86.44
1.09
1.04
1.11
3100.00
3.82
3.17
0.65
43.80
86.58
1.07
1.04
1.08
1. Total Loss = Insertion Loss + 3dB splitter loss.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com