Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5590BBC Datasheet(PDF) 19 Page - Analog Devices

Part # AD5590BBC
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBC Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5590BBC Datasheet HTML 15Page - Analog Devices AD5590BBC Datasheet HTML 16Page - Analog Devices AD5590BBC Datasheet HTML 17Page - Analog Devices AD5590BBC Datasheet HTML 18Page - Analog Devices AD5590BBC Datasheet HTML 19Page - Analog Devices AD5590BBC Datasheet HTML 20Page - Analog Devices AD5590BBC Datasheet HTML 21Page - Analog Devices AD5590BBC Datasheet HTML 22Page - Analog Devices AD5590BBC Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
AD5590
Rev. A | Page 18 of 44
ADC
DACVDD and ADCVDD = 5 V, VSY = 5 V, unless otherwise noted.
5
–95
–75
–55
–35
–15
0
50
100
150
200
250
300
350
400
500
450
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 50kHZ
SINAD = 70.697dB
THD = –79.171dB
SFDR = –79.93dB
FREQUENCY (kHz)
Figure 25. ADC Dynamic Performance at 1 MSPS
75
55
60
65
70
10
100
1000
INPUT FREQUENCY (kHz)
fS = MAX THROUGHPUT
TA = 25°C
RANGE = 0V TO VREFA
ADCVDD = VDRIVE = 5.25V
ADCVDD = VDRIVE = 4.75V
Figure 26. ADC SINAD vs. Analog Input Frequency
for Various Supply Voltages at 1 MSPS
–50
–90
–85
–80
–75
–70
–65
–60
–55
10
100
1000
INPUT FREQUENCY (kHz)
ADCVDD = VDRIVE = 4.75V
ADCVDD = VDRIVE = 5.25V
fS = MAX THROUGHPUT
TA = 25°C
RANGE = 0V TO REFIN
Figure 27. THD vs. Analog Input Frequency for Various Supplies at 1 MSPS
–50
–85
–80
–75
–70
–65
–60
–55
10
100
1000
INPUT FREQUENCY (Hz)
RIN = 1000Ω
RIN = 100Ω
RIN = 10Ω
RIN = 5Ω
fS = 1MSPS
TA = 25°C
ADCVDD = 5.25V
RANGE = 0V TO REFIN
Figure 28. ADC THD vs. Input Frequency for Various
Analog Source Impedances
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
ADCVDD = VDRIVE = 5V
TEMPERATURE = 25°C
Figure 29. ADC Typical INL
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
ADCVDD = VDRIVE = 5V
TEMPERATURE = 25°C
Figure 30. ADC Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com