Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7294BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD7294BCPZ
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7294BCPZ Datasheet HTML 40Page - Analog Devices AD7294BCPZ Datasheet HTML 41Page - Analog Devices AD7294BCPZ Datasheet HTML 42Page - Analog Devices AD7294BCPZ Datasheet HTML 43Page - Analog Devices AD7294BCPZ Datasheet HTML 44Page - Analog Devices AD7294BCPZ Datasheet HTML 45Page - Analog Devices AD7294BCPZ Datasheet HTML 46Page - Analog Devices AD7294BCPZ Datasheet HTML 47Page - Analog Devices AD7294BCPZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 43 of 47
APPLICATIONS INFORMATION
The AD7294 contains all the functions required for general-
purpose monitoring and control of current, voltage, and
temperature. With its 59.4 V maximum common-mode range,
the device is useful in industrial and automotive applications where
current sensing in the presence of a high common-mode voltage
is required. For example, the device is ideally suited for monitoring
and controlling a power amplifier in a cellular base station.
BASE STATION POWER AMPLIFIER MONITOR AND
CONTROL
The AD7294 is used in a power amplifier signal chain to
achieve the optimal bias condition for the LDMOS transistor.
The main factors influencing the bias conditions are tempera-
ture, supply voltage, gate voltage drift, and general processing
parameters. The overall performance of a power amplifier
configuration is determined by the inherent tradeoffs required
in efficiency, gain, and linearity. The high level of integration
offered by the AD7294 allows the use of a single chip to
dynamically control the drain bias current to maintain a constant
value over temperature and time, thus significantly improving
the overall performance of the power amplifier. The AD7294
incorporates the functionality of eight discrete components
bringing considerable board area savings over alternative
solutions.
The circuit in Figure 59 is a typical system connection diagram
for the AD7294. The device monitors and controls the overall
performance of two final stage amplifiers. The gain control and
phase adjustment of the driver stage are incorporated in the
application and are carried out by the two available uncommitted
outputs of the AD7294. Both high-side current senses measure
the amount of current on the respective final stage amplifiers.
The comparator outputs, ISENSE1 OVERRANGE and ISENSE2
OVERRANGE pins, are the controlling signals for switches
on the RF inputs of the LDMOS power FETs. If the high-side
current sense reads a value above a specified limit compared
with the setpoint, the RF IN signal is switched off by the
comparator.
By measuring the transmitted power (Tx) and the received
power (Rx), the device can dynamically change the drivers and
PA signal to optimize performance. This application requires a
logarithmic detector/controller, such as Analog Devices AD8317 or
AD8362.
MUX
TEMP
SENSOR
HIGH SIDE
CURRENT
SENSE
HIGH SIDE
CURRENT
SENSE
T1
T2
VOUTA
VOUTB
VOUTC
FILTER
FILTER
RF CHOKE
RF OUT
LDMOS
RS1(+)
RS2(+)
RS2(–)
RS1(–)
RS2(–)
D1+
D2+
D2–
D1–
SET-POINT
240mV
ISENSE1
OVERRANGE
ISENSE2
OVERRANGE
GAIN
CONTROL
RSENSE
RSENSE
VDD
LDMOS
RF OUT
12-BIT
ADC
VIN0
VIN1
VIN2
VIN3
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
VOUTD
GAIN
CONTROL
RF CHOKE
Tx POWER
MONITOR
Rx POWER
MONITOR
Tx
POWER
RF CUTOFF
Rx
POWER
AD7294*
RF IN
RF IN
*ADDITIONAL PINS OMITTED FOR CLARITY.
REF
REF
Figure 59. Typical HPA Monitor and Control Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com