Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000-3BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADAS1000-3BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-3BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADAS1000-3BSTZ Datasheet HTML 45Page - Analog Devices ADAS1000-3BSTZ Datasheet HTML 46Page - Analog Devices ADAS1000-3BSTZ Datasheet HTML 47Page - Analog Devices ADAS1000-3BSTZ Datasheet HTML 48Page - Analog Devices ADAS1000-3BSTZ Datasheet HTML 49Page - Analog Devices ADAS1000-3BSTZ Datasheet HTML 50Page - Analog Devices ADAS1000-3BSTZ Datasheet HTML 51Page - Analog Devices ADAS1000-3BSTZ Datasheet HTML 52Page - Analog Devices ADAS1000-3BSTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
Figure 74. Configuring Multiple Devices to Extend Number of Electrodes/Leads
(This example uses ADAS1000-4 as master and ADAS1000-2 as slave; other arrangements possible.)
Table 17. Some Possible Arrangements for Gang Operation
Master
Slave 1
Slave 2
Features
Number of Electrodes
Number of Leads
ADAS1000
ADAS1000-2
ECG, respiration, pace
10 ECG, CM_IN, RLD
12-lead + spare ADC channel
ADAS1000
ADAS1000-2
ADAS1000-2
ECG, respiration, pace
15 ECG, CM_IN, RLD
15-lead + 3 spare ADC channels
ADAS1000
ADAS1000-3
ECG, respiration, pace
8 ECG, CM_IN, RLD
12-lead (derived leads)
ADAS1000-3
ADAS1000-2
ECG
8 ECG, CM_IN, RLD
12-lead (derived leads)
ADAS1000-4
ADAS1000-2
ECG, respiration, pace
8 ECG, CM_IN, RLD
12-lead (derived leads)
SYNC_GANG
TAKE LEAD
DATA
TAKE
ELECTRODE
DATA
ELECTRODES
×3
VREF
REFOUT
REFIN
CAL_DAC_IO
AMP
AMP
ADC
RESPIRATION PATH
MUXES
AC
LEAD-OFF
DAC
ADC
3 × ECG PATH
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
PACE
DETECTION
CS
SCLK
SDI
SDO
DRDY
LEAD-OFF
DETECTION
COMMON-
MODE AMP
DRIVEN
LEAD AMP
SHIELD
DRIVE
AMP
SHIELD
RLD_OUT
XTAL1
XTAL2
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
EXT RESP_LA
EXT RESP LL
VCM_REF
(1.3V)
CLK_IO
AVDD
ADCVDD
DVDD
EXT RESP_RA
CM_OUT/
WCT
AC
LEAD-OFF
DAC
10kΩ
ADCVDD, DVDD
1.8V
REGULATORS
(optional)
(optional)
ADAS1000-4
CAL_DAC_IN
CM_IN
SYNC_GANG
ELECTRODES
×5
AMP
MUXES
ADC
5 × ECG PATH
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
PACE
DETECTION
CS
SCLK
SDI
SDO
DRDY
LEAD-OFF
DETECTION
COMMON-
MODE AMP
RLD_SJ
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
VCM_REF
(1.3V)
CLK_IO
AVDD
ADCVDD
DVDD
ADCVDD, DVDD
1.8V
REGULATORS
(optional)
(optional)
ADAS1000-2
SLAVE
CALIBRATION
DAC
RESPIRATION
DAC
VREF
REFOUT
REFIN
Rev. B | Page 49 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com