Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXT751 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FXT751
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FXT751 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FXT751 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 1 – FEB 94
FEATURES
* 60 Volt VCEO
* 2 Amp continuous current
*Ptot= 1 Watt
APPLICATIONS
* Lamp, relay or solenoid drivers
* Audio circuits
* Replacement of TO126 and TO220 parts
REFER TO ZTX751 FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-6
A
Continuous Collector Current
IC
-2
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-80
V
IC=-100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-60
V
IC=-10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA, IC=0
Collector Cut-Off
Current
ICBO
-0.1
-10
µ
A
µ
A
VCB=-60V, IE=0
VCB=-60V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-0.1
µ
A
VEB=-4V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.15
-0.28
-0.3
-0.5
V
V
IC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.90
-1.25
V
IC=-1A, IB=-100mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-0.8
-1.0
V
IC=-1A, VCE=-2V*
Static Forward Current
Transfer Ratio
hFE
70
100
80
40
200
200
170
150
300
IC=-50mA, VCE=-2V*
IC=-500mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
Transition
Frequency
fT
100
140
MHz
IC=-100mA, VCE=-5V
f=100MHz
Output Capacitance
Cobo
30
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
E-Line
TO92 Compatible
FXT751
3-57
B
C
E


Similar Part No. - FXT751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FXT753 ZETEX-FXT753 Datasheet
53Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT755 ZETEX-FXT755 Datasheet
29Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT757 ZETEX-FXT757 Datasheet
29Kb / 1P
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
More results

Similar Description - FXT751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT753 KEXIN-FZT753 Datasheet
38Kb / 2P
PNP Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
logo
New Jersey Semi-Conduct...
2N6732 NJSEMI-2N6732 Datasheet
44Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com