Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9062IPWR
Description  10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9062IPWR Datasheet HTML 9Page - Texas Instruments TLV9062IPWR Datasheet HTML 10Page - Texas Instruments TLV9062IPWR Datasheet HTML 11Page - Texas Instruments TLV9062IPWR Datasheet HTML 12Page - Texas Instruments TLV9062IPWR Datasheet HTML 13Page - Texas Instruments TLV9062IPWR Datasheet HTML 14Page - Texas Instruments TLV9062IPWR Datasheet HTML 15Page - Texas Instruments TLV9062IPWR Datasheet HTML 16Page - Texas Instruments TLV9062IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
±120
±100
±80
±60
±40
0.001
0.01
0.1
1
Output Voltage Amplitude (V
RMS)
C018
±120
±115
±110
±105
±100
±95
±90
100
1k
10k
Frequency (Hz)
C017
0
20
40
60
80
100
120
10
100
1k
10k
100k
Frequency (Hz)
C015
Time (1s/div)
C014
1
2
3
4
5
6
7
8
9
10
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C016
5
6
7
8
9
10
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C013
13
TLV9061, TLV9062, TLV9064
www.ti.com
SBOS839B – MARCH 2017 – REVISED OCTOBER 2017
Product Folder Links: TLV9061 TLV9062 TLV9064
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
VS = 5.5 V, VCM = (V–) – 0.1 V to (V+) – 1.4 V
TA= –40°C to +125°C, RL= 10 kΩ
Figure 13. CMRR vs Temperature
VS = 1.8 V to 5.5 V
Figure 14. PSRR vs Temperature
VS = 1.8 V to 5.5 V
Figure 15. 0.1-Hz to 10-Hz Input Voltage Noise
Figure 16. Input Voltage Noise Spectral Density vs
Frequency
VS = 5.5 V, VCM = 2.5 V, RL = 2 kΩ, G = +1, BW = 80 kHz
VOUT = 0.5 VRMS
Figure 17. THD + N vs Frequency
VS = 5.5 V, VCM = 2.5 V, RL = 2 kΩ, G = +1
BW = 80 kHz, f = 1 kHz
Figure 18. THD + N vs Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com