Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C1015 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C1015
Description  SMA Male to SMA Male Cable Using Tinned RG402 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1015 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C1015 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1015 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1015 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1015 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male
• Cable Type: RG402 Tinned
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.12
0.18
0.28
0.44
0.67
dB/ft
[0.39]
[0.59]
[0.92]
[1.44]
[2.2]
[dB/m]
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as .05dB x Frequency (GHz) per
connector.
Mechanical Specifications
Cable Assembly
Diameter
0.315 in [8 mm]
.
Weight
0.022 lbs [9.98 g]
One Time Minimum Bend Radius
1 in [25.4 mm]
Cable
Cable Type
RG402 Tinned
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using Tinned RG402 Coax PE3C1015
PE3C1015 REV 1.0
SMA Male to SMA Male Cable Using Tinned RG402 Coax
RF Cable Assemblies Technical Data Sheet
PE3C1015


Similar Part No. - PE3C1015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1015-12 PASTERNACK-PE3C1015-12 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using Tinned RG402 Coax
PE3C1015-24 PASTERNACK-PE3C1015-24 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using Tinned RG402 Coax
PE3C1015-36 PASTERNACK-PE3C1015-36 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using Tinned RG402 Coax
PE3C1015-48 PASTERNACK-PE3C1015-48 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using Tinned RG402 Coax
PE3C1015-60 PASTERNACK-PE3C1015-60 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 60 InchLength Using Tinned RG402 Coax
More results

Similar Description - PE3C1015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3385 PASTERNACK-PE3385 Datasheet
382Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax
PE3C1015-12 PASTERNACK-PE3C1015-12 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using Tinned RG402 Coax
PE3C1015-24 PASTERNACK-PE3C1015-24 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using Tinned RG402 Coax
PE3C1015-36 PASTERNACK-PE3C1015-36 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using Tinned RG402 Coax
PE3C1015-48 PASTERNACK-PE3C1015-48 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using Tinned RG402 Coax
PE3C1015-60 PASTERNACK-PE3C1015-60 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 60 InchLength Using Tinned RG402 Coax
PE3C1015-72 PASTERNACK-PE3C1015-72 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 72 InchLength Using Tinned RG402 Coax
PE3C2892 PASTERNACK-PE3C2892 Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax
PE3C2892-36 PASTERNACK-PE3C2892-36 Datasheet
353Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length Using RG402 Coax
PE3C2892LF PASTERNACK-PE3C2892LF Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com