Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTSA-T680VSWT Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTSA-T680VSWT
Description  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-T680VSWT Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTSA-T680VSWT Datasheet HTML 1Page - Lite-On Technology Corporation LTSA-T680VSWT Datasheet HTML 2Page - Lite-On Technology Corporation LTSA-T680VSWT Datasheet HTML 3Page - Lite-On Technology Corporation LTSA-T680VSWT Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-T680VSWT Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-T680VSWT Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-T680VSWT Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-T680VSWT Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-T680VSWT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4/11
Part No. : LTSA-T680VSWT
BNS-OD-FC002/A4
SMD LED
LTSA-T680VSWT
4.Bin Rank
Batch Description on Label: Vf / Iv / Wd ( Ex. D4/X2/AK )
 Vf Rank
Forward Voltage (Vf)
Unit : V @50mA
Bin Code
Min.
Max.
D3
2.0
2.2
D4
2.2
2.4
D5
2.4
2.6
D6
2.6
2.8
D7
2.8
3.0
Tolerance on each Forward Voltage bin is +/-0.1 volt
 IV Rank
Luminous Intensity (Iv)
Unit : mcd @50mA
Bin Code
Min.
Max.
X2
2240
2800
Y1
2800
3550
Y2
3550
4500
Tolerance on each Intensity bin is +/-11%
 Wd Rank
Dominant Wavelength
Unit : nm @50mA
Bin Code
Min.
Max.
AJ
587
589.5
AK
589.5
592
AL
592
594.5
AM
594.5
597
Tolerance for each Dominate Wavelength bin is +/- 1nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com