Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14828 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14828
Description  Low-Power, Ultra-Small IO-Link Device Transceiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14828 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14828 Datasheet HTML 1Page - Maxim Integrated Products MAX14828 Datasheet HTML 2Page - Maxim Integrated Products MAX14828 Datasheet HTML 3Page - Maxim Integrated Products MAX14828 Datasheet HTML 4Page - Maxim Integrated Products MAX14828 Datasheet HTML 5Page - Maxim Integrated Products MAX14828 Datasheet HTML 6Page - Maxim Integrated Products MAX14828 Datasheet HTML 7Page - Maxim Integrated Products MAX14828 Datasheet HTML 8Page - Maxim Integrated Products MAX14828 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
(V24 = 9V to 36V, V5 = 4.5V to 5.5V, VL = 2.5V to 5.5V, VGND = 0V; REG unconnected, all logic inputs at VL or GND; TA = -40°C to
+125°C, unless otherwise noted. Typical values are at V24 = 24V, V5 = 5V, VL = 3.3V, and TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V24 Low-Voltage Warning
Threshold
V24W
14.5
16.5
18
V
V5 Supply Voltage
4.5
5.5
V
V5 Undervoltage Lockout
Threshold
V5UVLO
V5 rising
2.8
3.5
4.5
V
V5 falling
2.8
3.45
4.5
V5 Supply Current
I5_IN
External 5V
applied to
V5, REG is
unconnected, no
load on LED1 or
LED2
C/Q disabled
(CQ_Dis = 1),
V33 disabled
(V33_Dis = 1)
0.54
0.85
mA
C/Q in push-pull
configuration,
CL[10] = 11,
C/Q is high,
V33 enabled, no load
on C/Q or V33
0.93
1.4
C/Q in push-pull
configuration,
CL[10] = 11,
C/Q is low,
V33 enabled, no load
on C/Q or V33
1.0
1.4
VL Logic-Level Supply
Voltage
VL
2.5
5.5
V
VL Undervoltage Threshold
VLUVLO
0.9
1.7
2.4
V
VL Logic-Level Supply
Current
IL
All logic inputs at VL or GND, all logic
outputs unconnected
0.25
3
µA
5V LINEAR REGULATOR/CONTROLLER (V5)
V5 Output Voltage
V5
REG = V5, no load on V5, 9V ≤ V24 ≤
60V
4.75
5.00
5.25
V
Load Regulation
ΔV5_LDR
REG = V5, 0mA < ILOAD < 30mA,
V24 = 24V
0.02
0.2
%
Line Regulation
ΔV5_LNR
REG = V5, ILOAD = 1mA, V24 from 9V
to 60V
0.01
4
mV/V
REG Output Current
IREG
Internal regulator or external NPN
30
mA
V24 REG Dropout Voltage
ΔVREG
V24 = 9V, V5 = 4.5V, IREG = 5mA
2.35
V
MAX14828
Low-Power, Ultra-Small IO-Link
Device Transceiver
www.maximintegrated.com
Maxim Integrated │ 4
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com