Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2N7002SWT3G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # L2N7002SWT3G
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N7002SWT3G Datasheet(HTML) 5 Page - Leshan Radio Company

  L2N7002SWT3G Datasheet HTML 1Page - Leshan Radio Company L2N7002SWT3G Datasheet HTML 2Page - Leshan Radio Company L2N7002SWT3G Datasheet HTML 3Page - Leshan Radio Company L2N7002SWT3G Datasheet HTML 4Page - Leshan Radio Company L2N7002SWT3G Datasheet HTML 5Page - Leshan Radio Company L2N7002SWT3G Datasheet HTML 6Page - Leshan Radio Company L2N7002SWT3G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L2N7002SWT1G, S-L2N7002SWT1G
Small Signal MOSFET
7.ELECTRICAL CHARACTERISTICS CURVES(Con.)
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
Tj,temperature(
℃)
VGS=10V,ID=0.5A
VGS=4.5V,ID=0.5A
0
5
10
15
20
0
5
10
15
20
25
30
VDS,Drain-Source Voltage(V)
Ciss
Crss
Coss
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
VSD,source
-
Drain Voltage(V)
150
℃
-55
℃
25
℃
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ,Temperature(
℃)
VGS=10V
ID=0.5A
Ron@T=25
℃:2.3Ω
Drain-Source on Resistance
Drain-to-Source diode Forward
Capacitance
Drain-Source on Resistance
Leshan Radio Company, LTD.
Rev.A
Dec 2016
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com