Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4804 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4804
Description  Low Voltage High Power Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4804 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4804 Datasheet HTML 7Page - National Semiconductor (TI) LM4804 Datasheet HTML 8Page - National Semiconductor (TI) LM4804 Datasheet HTML 9Page - National Semiconductor (TI) LM4804 Datasheet HTML 10Page - National Semiconductor (TI) LM4804 Datasheet HTML 11Page - National Semiconductor (TI) LM4804 Datasheet HTML 12Page - National Semiconductor (TI) LM4804 Datasheet HTML 13Page - National Semiconductor (TI) LM4804 Datasheet HTML 14Page - National Semiconductor (TI) LM4804 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Application Information (Continued)
PULSE FREQUENCY MODULATION (PFM)
Pulse Frequency Modulation is typically accomplished by
switching continuously until the voltage limit is reached and
skipping cycles after that to just maintain it. This results in a
somewhat hysteretic mode of operation. The coil stores
more energy each cycle as the current ramps up to high
levels. When the voltage limit is reached, the system usually
overshoots to a higher voltage than required, due to the
stored energy in the coil (see Figure 3). The system will also
undershoot somewhat when it starts switching again be-
cause it has depleted all the stored energy in the coil and
needs to store more energy to reach equilibrium with the
load. Larger output capacitors and smaller inductors reduce
the ripple in these situations. The frequency being filtered,
however, is not the basic switching frequency. It is a lower
frequency determined by the load, the input/output voltage
and the circuit parameters. This mode of operation is useful
in situations where the load variation is significant. Power
managed computer systems, for instance, may vary from
zero to full load while the system is on and this is usually the
preferred regulation mode for such systems.
CYCLE TO CYCLE PFM
When the load doesn’t vary over a wide range (like zero to
full load), ratio adaptive circuit techniques can be used to
achieve cycle to cycle PFM regulation and lower ripple (or
smaller output capacitors). The key to success here is
matching the duty cycle of the circuit closely to what is
required by the input to output voltage ratio. This ratio then
needs to be dynamically adjusted for input voltage changes
(usually caused by batteries running down). The chosen
ratio should allow most of the energy in each switching cycle
to be delivered to the load and only a small amount to be
stored. When the regulation limit is reached, the overshoot
will be small and the system will settle at an equilibrium point
where it adjusts the off time in each switching cycle to meet
the current requirements of the load. The off time adjustment
is done by exceeding the regulation limit during each switch-
ing cycle and waiting until the voltage drops below the limit
again to start the next switching cycle. The current in the coil
never goes to zero like it frequently does in the hysteretic
operating mode of circuits with wide load variations or duty
cycles that aren’t matched to the input/output voltage ratio.
Optimizing the duty cycle for a given set of input/output
voltages conditions can be done by using the circuit values
in the Application Notes.
LOW VOLTAGE START-UP
The LM4804 can start-up from voltages as low as 1.1 volts.
On start-up, the control circuitry switches the N-channel
MOSFET continuously until the output reaches 3 volts. After
this output voltage is reached, the normal step-up regulator
feedback and gated oscillator control scheme take over.
Once the device is in regulation, it can operate down to
below .8V input, since the internal power for the IC can be
boot-strapped from the output using the Vdd pin.
SHUT DOWN
The LM4804 features a shutdown mode that reduces the
quiescent current to less than a guaranteed 2.5uA over
temperature. This extends the life of the battery in battery
powered applications. During shutdown, all feedback and
control circuitry is turned off. The regulator’s output voltage
drops to one diode drop below the input voltage. Entry into
the shutdown mode is controlled by the active-low logic input
pin EN (pin- 2). When the logic input to this pin is pulled
below 0.15V
DD, the device goes into shutdown mode. The
logic input to this pin should be above 0.7V
DD for the device
to work in normal step-up mode.
SELECTING OUTPUT CAPACITOR (C
O) FOR BOOST
CONVERTER
A single ceramic capacitor of value 4.7µF to 10µF will pro-
vide sufficient output capacitance for most applications. If
larger amounts of capacitance are desired for improved line
support and transient response, tantalum capacitors can be
used. Aluminum electrolytics with ultra low ESR such as
Sanyo Oscon can be used, but are usually prohibitively
expensive. Typical AI electrolytic capacitors are not suitable
for switching frequencies above 500 kHz due to significant
ringing and temperature rise due to self-heating from ripple
current. An output capacitor with excessive ESR can also
reduce phase margin and cause instability.
In general, if electrolytics are used, it is recommended that
they be paralleled with ceramic capacitors to reduce ringing,
switching losses, and output voltage ripple.
INTERNAL CURRENT LIMIT AND THERMAL
PROTECTION
An internal cycle-by-cycle current limit serves as a protection
feature. This is set high enough (2.85A typical, approxi-
mately 4A maximum) so as not to come into effect during
normal operating conditions. An internal thermal protection
circuit disables the MOSFET power switch when the junction
temperature (T
J) exceeds about 160˚C. The switch is re-
enabled when T
J drops below approximately 135˚C.
NON-LINEAR EFFECT
The LM4804 takes advantage of a non-linear effect that
allows for the duty cycle to be programmable. The C3 ca-
pacitor is used to dump charge on the FREQ pin in order to
manipulate the duty cycle of the internal oscillator. The part
is being tricked to behave in a certain manner, in the effort to
make this Pulse Frequency Modulated (PFM) boost switch-
ing regulator behave as a Pulse Width Modulated (PWM)
boost switching regulator.
CHOOSING THE CORRECT C3 CAPACITOR
The C3 capacitor allows for the duty cycle of the internal
oscillator to be programmable. Choosing the correct C3
capacitor to get the appropriate duty cycle for a particular
application circuit is a trial and error process. The non-linear
effect that C3 produces is dependent on the input voltage
and output voltage values. The correct C3 capacitor for
particular input and output voltage values cannot be calcu-
lated. Choosing the correct C3 capacitance is best done by
trial and error, in conjunction with the checking of the induc-
tor peak current to make sure your not too close to the
current limit of the device. As the C3 capacitor value in-
creases, so does the duty cycle. And conversely as the C3
capacitor value decreases, the duty cycle decreases. An
incorrect choice of the C3 capacitor can result in the part
prematurely tripping the current limit and/or double pulsing,
which could lead to the output voltage not being stable.
SETTING THE OUTPUT VOLTAGE
The output voltage of the step-up regulator can be set by
connecting a feedback resistive divider made of R
F1 and
R
F2. The resistor values are selected as follows:
R
1 =R2[(VOUT/1.24) −1]
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com