Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP4SG Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LTP4SG
Description  PointLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTP4SG Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LTP4SG Datasheet HTML 4Page - OSRAM GmbH LTP4SG Datasheet HTML 5Page - OSRAM GmbH LTP4SG Datasheet HTML 6Page - OSRAM GmbH LTP4SG Datasheet HTML 7Page - OSRAM GmbH LTP4SG Datasheet HTML 8Page - OSRAM GmbH LTP4SG Datasheet HTML 9Page - OSRAM GmbH LTP4SG Datasheet HTML 10Page - OSRAM GmbH LTP4SG Datasheet HTML 11Page - OSRAM GmbH LTP4SG Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2014-03-10
8
Version 1.2
LT P4SG
Forward Current 7) page 21
Durchlassstrom 7) Seite21
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 21 , 8) page 21
Relative Lichtstärke 7) Seite 21 , 8) Seite 21
IV/IV(20 mA) = f(IF); TS = 25 °C
Dominant Wavelength 7) page 21
Dominante Wellenlänge 7) Seite 21
λdom = f(IF); TS = 25 °C
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5 V 5
5
mA
V
F
F
I
V (20 mA)
I
I
V
I
F
10 0
10 1
10 2
mA
10
-1
0
10
10
1
5
5
OHL02386
I
OHL02527
505
dom
λ
0
mA
nm
20
40
60
80
120
510
515
520
525
530
535
545
F
true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com