Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTE63C Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTE63C
Description  Power TOPLED Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTE63C Datasheet(HTML) 1 Page - OSRAM GmbH

  LTE63C Datasheet HTML 1Page - OSRAM GmbH LTE63C Datasheet HTML 2Page - OSRAM GmbH LTE63C Datasheet HTML 3Page - OSRAM GmbH LTE63C Datasheet HTML 4Page - OSRAM GmbH LTE63C Datasheet HTML 5Page - OSRAM GmbH LTE63C Datasheet HTML 6Page - OSRAM GmbH LTE63C Datasheet HTML 7Page - OSRAM GmbH LTE63C Datasheet HTML 8Page - OSRAM GmbH LTE63C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-01-31
1
2017-01-31
Power TOPLED Lens
Datasheet
Version 1.3 - OS-PCN-2016-012-A
LT E63C
Features:
Besondere Merkmale:
•
Package: white PLCC-4 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % IV: 20°
•
Abstrahlwinkel bei 50 % IV: 20°
•
Color: true green (525 nm)
•
Farbe: true green (525 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Dashboard Backlighting
•
Instrumentenbeleuchtung
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LTE63C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTE63C-ABCA-35 OSRAM-LTE63C-ABCA-35 Datasheet
69Kb / 16P
Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LTE63C-BACB-35 OSRAM-LTE63C-BACB-35 Datasheet
578Kb / 18P
Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LTE63C-BADB-35 OSRAM-LTE63C-BADB-35 Datasheet
578Kb / 18P
Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LTE63C-CADB-35 OSRAM-LTE63C-CADB-35 Datasheet
578Kb / 18P
Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LTE63C-V2AB-35 OSRAM-LTE63C-V2AB-35 Datasheet
69Kb / 16P
Power TOPLED with Lens Enhanced Optical Power LED (ATON)
More results

Similar Description - LTE63C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSE655 OSRAM-LSE655 Datasheet
168Kb / 14P
Power TOPLED with Lens Hyper-Bright LED
Q65110A4110 OSRAM-Q65110A4110 Datasheet
344Kb / 19P
Power TOPLED With Lens Enhanced Thin Film LED
LA-E65F-CBEA-24 OSRAM-LA-E65F-CBEA-24 Datasheet
546Kb / 21P
Power TOPLED Lens
LS-E63B-BBCB-1-1-Z OSRAM-LS-E63B-BBCB-1-1-Z Datasheet
479Kb / 20P
Power TOPLED Lens
LYE63F OSRAM-LYE63F Datasheet
594Kb / 22P
Power TOPLED Lens
LAE65F OSRAM-LAE65F_17 Datasheet
576Kb / 21P
Power TOPLED Lens
LAE65FP OSRAM-LAE65FP Datasheet
569Kb / 21P
Power TOPLED Lens
LAE63F OSRAM-LAE63F_16 Datasheet
405Kb / 22P
Power TOPLED Lens
LAE65B OSRAM-LAE65B Datasheet
532Kb / 20P
Power TOPLED Lens
LAE65F-DUALBINNING OSRAM-LAE65F-DUALBINNING Datasheet
611Kb / 21P
Power TOPLED Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com