Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4615 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4615
Description  500mW Silicon Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4615 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4615 Datasheet HTML 1Page - Micro Commercial Components 1N4615 Datasheet HTML 2Page - Micro Commercial Components 1N4615 Datasheet HTML 3Page - Micro Commercial Components 1N4615 Datasheet HTML 4Page - Micro Commercial Components 1N4615 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Zener Voltage
(2
)
Leakage Current
(4)
VZ (Volts)
Device
(1)
Device
Marking
Min
Nom
Max
mA
uA( Max) Volts
ohm(Max)
MCC
1N4614 thru 1N41
25
TM
Micro Commercial Components
1N4614
1N4614
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless otherwise noted, VF = 1.1 V Max @ IF = 200mA for all types)
1N4615
1N4615-
1N4616
1N4616-----
1N4617
1N4617-
1N4618
1N4618---
1N4619
1N4619
--
1N4620
1N4620
--
1N4621
1N4621-
1N4622
1N4622--
1N4623
1N4623--
1N4624
1N4624---
1N4625
1N4625-
1N4626
1N4626------
1N4627
1N4627--
1N4099
1N4099
---
1N4100
1N4100
---
1N4101
1N4101
1N4102
1N4102
1N4103
1N4103
1N4104
1N4104-
Zener Impedance
(5)
Zener
Current
(IZM)
(3)
1N4106
1N4105
1N4105
1N4106
1N4107
1N4108
1N4109
1N4110
1N4111
1N4112
1N4113
1N4114
1N4115
1N4116
1N4117
1N4118
1N4119
1N4120
1N4121
1N4122
1N4123
1N4125
1N4124
1N4107
1N4108
1N4109
1N4110
1N4111
1N4112
1N4113
1N4115
1N4114
1N4116
1N4117
1N4118
1N4119
1N4120
1N4121
1N4122
1N4123
1N4125
1N4124
Reverse
12
13
14
15
16
17
19
18
20
22
24
25
27
28
33
30
36
39
43
47
10.45
11.4
12.35
13.3
14.25
15.2
16.15
17.1
18.05
19
20.9
22.8
23.75
25.65
26.6
28.5
31.35
34.2
37.05
40.85
44.65
11.55
12.6
13.65
14.7
15.75
17.85
16.8
18.9
19.95
21
23.1
26.25
25.2
28.35
29.4
31.5
34.65
37.8
40.95
45.15
49.35
200
200
200
200
100
100
100
100
150
150
150
150
150
150
200
200
200
200
200
250
250
8.44
8.12
9.857
10.65
11.40
12.15
12.92
13.67
14.44
15.20
1
18.25
19.00
20.45
21.28
22.80
27.38
25.08
29.65
32.65
35.75
16.72
.05
.05
.05
.05
.05
.05
.05
.05
.05
.01
.01
.01
.01
.01
.01
.01
.01
.01
.01
.01
.01
35
38
42
44
46
51
56
61
65
70
75
77
80
83
85
87
90
95
100
110
120
32
29
27
25
24
22
21
19
20
17
1
16
15
1
14
14
13
12
11
9.8
8.9
8.1
7.60
6.92
6.61
6.24
5.70
5.17
5
4
3
3
2
2
2
1.5
1
1
1
1
1
1
1
7.5
5.0
4.0
2.0
1.0
0.8
7.5
7.5
5.0
4.0
10.0
10.0
10.0
10.0
10.0
10.0
1.0
1.0
1.0
1.0
200
1200
1250
1300
1400
1500
1600
1650
1700
1650
1600
1550
1500
1400
1200
200
200
200
200
200
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
8.7
9.1
10
1.71
1.90
2.09
2.28
2.565
2.85
3.135
3.42
3.705
4.085
4.465
4.845
5.32
5.89
6.46
7.125
7.79
8.265
9.5
8.645
9.555
10.5
9.135
8.61
7.875
7.14
6.51
5.88
5.355
4.935
4.515
4.095
3.78
3.465
3.15
2.835
2.52
1.89
2.10
2.31
@
IZT=250UA
Maximum
IR@VR
ZZT
1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
2. ZENER VOLTAGE (VZ) MEASUREMENT Nominal zener voltage is measured with the device junction in the thermal equilibrium
at the lead temperature (TL)at 30
°C ±1°C and 3/8” lead length.
.
3. MAXIMUM ZENER CURRENT RATINGS (IZM)
.
.
This data was calculated using nominal voltages. The maximum handing current
capability on a worst case basis is limited by the actual zener voltage at the opertation piont and the power derating curve.
4.Reverse Leakage Current(
IR)reverse leakage current are guaranteed and measured at VR shown on the table .
5. Zener Impedance(
ZZT) DerivationThe Zener impedance is derived from the 60 cycle ac voltage.which results when an Ac
current having an rms value to 10% of the DC zener current (IZT) is superimposed on IZT.
11
Revision:
B
20
12/01/01
NOTES:
@
IZT
www.mccsemi.com
2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com