Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4100 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1N4100
Description  500mW Silicon Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4100 Datasheet(HTML) 3 Page - Micro Commercial Components

  1N4100 Datasheet HTML 1Page - Micro Commercial Components 1N4100 Datasheet HTML 2Page - Micro Commercial Components 1N4100 Datasheet HTML 3Page - Micro Commercial Components 1N4100 Datasheet HTML 4Page - Micro Commercial Components 1N4100 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCC
1N4614 thru 1N4125
TM
Micro Commercial Components
+12
+10
+8
+6
+4
+2
0
-2
-4
89
VZ , ZENER VOLTAGE (VOLTS)
Figure 1. Range for Units to 12 Volts
VZ @IZT
(NOTE 2)
RANGE
2
6
+6
+4
+2
0
-2
-4
34
VZ , ZENER VOL TAGE (VOLTS)
Figure 2. Effect of Zener Current
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOL TS
NOTE: CHANGES IN ZENER CURRENT DO NOT
NOTE: AFFECT TEMPERATURE COEFFICIENTS
1mA
0.01mA
VZ @ IZ
TA=25 °C
1000
500
200
100
50
20
10
5
2
1
1
2
5
10
20
50
100
VZ, ZENER VOLTAGE (VOLTS)
Figure 3. Typical Capacitance 2.4-100 Volts
TA = 25
° C
0V BIAS
1V BIAS
50% OF
VZ BIAS
20mA
3
45
710
11
12
5
6
7
8
Revision:
B
20
12/01/01
www.mccsemi.com
3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com