Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN601TK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN601TK
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN601TK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN601TK Datasheet HTML 1Page - Diodes Incorporated DMN601TK Datasheet HTML 2Page - Diodes Incorporated DMN601TK Datasheet HTML 3Page - Diodes Incorporated DMN601TK Datasheet HTML 4Page - Diodes Incorporated DMN601TK Datasheet HTML 5Page - Diodes Incorporated DMN601TK Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN601TK
Document number: DS30654 Rev. 8 - 2
2 of 6
www.diodes.com
July 2017
© Diodes Incorporated
DMN601TK
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 5)
Continuous
Pulsed (Note 6)
ID
300
800
mA
Thermal Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
150
mW
Thermal Resistance, Junction to Ambient
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
1.0
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.0
1.6
2.5
V
VDS = 10V, ID = 1mA
Static Drain-Source On-Resistance
RDS(ON)
2.0
3.0
Ω
VGS = 10V, ID = 0.5A
VGS = 5V, ID = 0.05A
Forward Transfer Admittance
|YFS|
80
ms
VDS = 10V, ID = 0.2A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
25
pF
Reverse Transfer Capacitance
CRSS
5.0
pF
Turn-On Delay Time
tD(ON)

3.4
ns
VDD = 25V, VGS = 10V,
G
Ω D
Turn-On Rise Time
tR

2.4

ns
Turn-Off Delay Time
tD(OFF)

11.0

ns
Turn-Off Fall Time
tF

4.9

ns
Notes:
5. Device mounted on FR-4 PCB.
6. Pulse width
10µS, Duty Cycle 1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com