Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4284EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4284EEE
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4284EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4284EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
______________________________________________________________________________________
13
GainAmp Signal Coupling
and Configurations
Common op-amp configurations include both nonin-
verting and inverting amplifiers. Figures 5–8 show vari-
ous single and dual-supply circuit configurations.
Single-supply systems benefit from a midsupply bias
on the noninverting input (provided internally on
MAX4175/MAX4275), as this produces a quiescent DC
level at the center of the rail-to-rail output stage signal
swing. For dual-supply systems, ground-referenced
signals may be DC-coupled into the inverting or non-
inverting inputs.
IN_+ Filter on MAX4175/MAX4275
Internal resistor biasing of the VCC / 2 bias options cou-
ples power-supply noise directly to the op amp’s nonin-
verting input. To minimize high-frequency power-supply
noise coupling, add a 1µF to 0.1µF capacitor from IN+
to ground to create a lowpass filter (Figure 6). The low-
pass filter resulting from the internal bias resistors and
added capacitor can help eliminate higher frequency
power-supply noise coupling through the noninverting
input.
MAX4281
VCC
VCC
RG
RF
VIN
VOUT =
-RF
(VIN)
RG
Figure 4. Single-Supply, DC-Coupled Inverting Amplifier with
Negative Input Voltage
MAX4175
VCC
RG
RB
RB
RF
VIN
0.1
µF
VOUT =
VCC
- VIN
(
RF )
2
RG
Figure 6. Single-Supply, AC-Coupled Inverting Amplifier
MAX4174
VEE
VCC
RG
RF
VIN
VOUT = - VIN
(
RF )
RG
Figure 5. Dual-Supply, DC-Coupled Inverting Amplifier
MAX4174
VEE
VCC
RG
RF
VIN
VOUT = VIN
(1+
RF )
RG
Figure 7. Dual-Supply, AC-Coupled Noninverting Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com