Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS752SCA-050 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS752SCA-050
Description  Current Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS752SCA-050 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS752SCA-050 Datasheet HTML 3Page - Allegro MicroSystems ACS752SCA-050 Datasheet HTML 4Page - Allegro MicroSystems ACS752SCA-050 Datasheet HTML 5Page - Allegro MicroSystems ACS752SCA-050 Datasheet HTML 6Page - Allegro MicroSystems ACS752SCA-050 Datasheet HTML 7Page - Allegro MicroSystems ACS752SCA-050 Datasheet HTML 8Page - Allegro MicroSystems ACS752SCA-050 Datasheet HTML 9Page - Allegro MicroSystems ACS752SCA-050 Datasheet HTML 10Page - Allegro MicroSystems ACS752SCA-050 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
115NortheastCutoff,Box 15036
Worcester,Massachusetts01615-0036 (508)853-5000
Copyright©2003,AllegroMicroSystems,Inc.
ACS75250-DS Rev. 3
Current Sensor: ACS752SCA-050
+IP (A)
Accuracy
Accuracy
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
0 A
v r
O e �Temperature
Average
VOUT
–IP (A)
v r
O e �Temperature
v r
O e �Temperature
Decreasing VOUT (V)
Increasing VOUT (V)
–50 A
50 A
Full Scale
Output voltage vs. current, illustrating sensor accuracy at 0 A and at full-scale current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com