Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555 Datasheet(PDF) 2 Page - Harris Corporation

Part # NE555
Description  Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

NE555 Datasheet(HTML) 2 Page - Harris Corporation

  NE555 Datasheet HTML 1Page - Harris Corporation NE555 Datasheet HTML 2Page - Harris Corporation NE555 Datasheet HTML 3Page - Harris Corporation NE555 Datasheet HTML 4Page - Harris Corporation NE555 Datasheet HTML 5Page - Harris Corporation NE555 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8-4
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V
Operating Conditions
Temperature Range
CA555, LM555 . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CA555C, LM555C, NE555 . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
Metal Can Package . . . . . . . . . . . . . . .
170
85
PDIP Package . . . . . . . . . . . . . . . . . . .
100
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
160
N/A
Maximum Junction Temperature (Hermetic Package) . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V+ = 5V to 15V Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
CA555, LM555
CA555C, LM555C, NE555
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DC Supply Voltage
V+
4.5
-
18
4.5
-
16
V
DC Supply Current (Low State),
(Note 2)
I+
V+ = 5V, RL = ∞
-3
5
-
3
6
mA
V+ = 15V, RL = ∞
-
10
12
-
10
15
mA
Threshold Voltage
VTH
-(2/3)V+
-
-
(2/3)V+
-
V
Trigger Voltage
V+ = 5V
1.45
1.67
1.9
-
1.67
-
V
V+ = 15V
4.8
5
5.2
-
5
-
V
Trigger Current
-
0.5
-
-
0.5
-
µA
Threshold Current (Note 3)
ITH
-
0.1
0.25
-
0.1
0.25
µA
Reset Voltage
0.4
0.7
1.0
0.4
0.7
1.0
V
Reset Current
-
0.1
-
-
0.1
-
mA
Control Voltage Level
V+ = 5V
2.9
3.33
3.8
2.6
3.33
4
V
V+ = 15V
9.6
10
10.4
9
10
11
V
Output Voltage
VOL
V+ = 5V, ISINK = 5mA
-
-
-
-
0.25
0.35
V
Low State
ISINK = 8mA
-
0.1
0.25
-
-
-
V
V+ = 15V, ISINK = 10mA
-
0.1
0.15
-
0.1
0.25
V
ISINK = 50mA
-
0.4
0.5
-
0.4
0.75
V
ISINK = 100mA
-
2.0
2.2
-
2.0
2.5
V
ISINK = 200mA
-
2.5
-
-
2.5
-
V
Output Voltage
VOH
V+ = 5V, ISOURCE = 100mA
3.0
3.3
-
2.75
3.3
-
V
High State
V+ = 15V, ISOURCE = 100mA 13.0
13.3
-
12.75
13.3
-
V
ISOURCE = 200mA
-
12.5
-
-
12.5
-
V
Timing Error (Monostable)
R1, R2 = 1kΩ to 100kΩ,
C = 0.1
µF
Tested at V+ = 5V, V+ = 15V
-
0.5
2
-
1
-
%
Frequency Drift with Temperature
-
30
100
-
50
-
ppm/oC
Drift with Supply Voltage
-
0.05
0.2
-
0.1
-
%/V
CA555, CA555C, LM555, LM555C, NE555



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com