Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUCLEO-F030R8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # NUCLEO-F030R8
Description  STM32 Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NUCLEO-F030R8 Datasheet(HTML) 4 Page - STMicroelectronics

  NUCLEO-F030R8 Datasheet HTML 1Page - STMicroelectronics NUCLEO-F030R8 Datasheet HTML 2Page - STMicroelectronics NUCLEO-F030R8 Datasheet HTML 3Page - STMicroelectronics NUCLEO-F030R8 Datasheet HTML 4Page - STMicroelectronics NUCLEO-F030R8 Datasheet HTML 5Page - STMicroelectronics NUCLEO-F030R8 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ordering information
NUCLEO-XXXXRX NUCLEO-XXXXRX-P
4/6
DocID025838 Rev 10
The meaning of the codification is explained in Table 3.
The order code is printed on a sticker placed at the top or bottom side of the board.
Table 3. Codification explanation
NUCLEO-TXXXRY-P
Description
Example: NUCLEO-L452RE
TXXX
STM32 product line
STM32L452
R
STM32 package pin count
64 pins
Y
STM32 Flash memory size:
– 8 for 64 Kbytes
– B for 128 Kbytes
– C for 256 Kbytes
– E for 512 Kbytes
– G for 1 Mbyte
– Z for 192 Kbytes
512 Kbytes
P = SMPS
MCU has SMPS function
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com