Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B3V0JS Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BZT52B3V0JS
Description  200 mW Zener Diode 3.0 to 75 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52B3V0JS Datasheet(HTML) 3 Page - Micro Commercial Components

  BZT52B3V0JS Datasheet HTML 1Page - Micro Commercial Components BZT52B3V0JS Datasheet HTML 2Page - Micro Commercial Components BZT52B3V0JS Datasheet HTML 3Page - Micro Commercial Components BZT52B3V0JS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision:F
2017/06/14
www.mccsemi.com
3 of 4
Micro Commercial Components
M C C
R
4
6
8
10
12
14
16
18
20
22
1
10
100
4
6
8
10
12
14
16
18
20
22
1
10
100
1000
4
6
8
10
12
14
16
18
20
22
0
5
10
15
20
0
25
50
75
100
125
150
0
50
100
150
200
250
4
6
8
10
12
14
16
18
20
22
1
10
100
1000
4
6
8
10
12
14
16
18
20
22
1E-4
1E-3
0.01
0.1
P
D =200mW
T
a =25
℃
Pulsed
0.5
Zener Characteristics(V
Z
5.1V to 20 V)
T
a=25
℃
f=1MHz
BIAS AT
50% OF V
Z NOM
1V BIAS
0V BIAS
V
Z, NOMINAL ZENER VOLTAGE (V)
Typical Capacitance
V
Z, NOMINAL ZENER VOLTAGE (V)
V
Z @ IZT
TYPICAL T
a VALUES
FOR
BZT52BXXX
JS SERIES
Temperature Coefficients
Power Derating Curve
AMBIENT TEMPERATURE T
a
(℃)
I
Z=5mA
V
Z, NOMINAL ZENER VOLTAGE (V)
Effect of Zener Voltage on Zener Impedance
I
Z=1mA
T
a=25
℃
I
Z(AC)=0.1IZ(DC)
f=1kHz
V
Z, NOMINAL ZENER VOLTAGE (V)
Pulsed
V
Z, ZENER VOLTAGE (V)
Typical Leakage Current
T
a=25
℃
T
a=100
℃
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com