Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL752A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DL752A
Description  0.5W Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL752A Datasheet(HTML) 2 Page - Micro Commercial Components

  DL752A Datasheet HTML 1Page - Micro Commercial Components DL752A Datasheet HTML 2Page - Micro Commercial Components DL752A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NORMAL
ZENER
VOLTAGE
Vz@ Izt
TEST
CURRENT
Izt
MAXIMUM
ZENER
IMPEDANCE
Zzt @ Izt
MAXIMUM REVERSE
LEAKAGE CURRENT
Ir @ Vr=1V
MAXIMUM
ZENER
CURRENT
I
ZM
TYPICAL TEMP.
COEFFICIENT
MCC PART
NUMBER
VOLTS
mA
OHMS
µA @25oC µA @125oC
mA
%/oC
DL746A
3.3
20
28
10
30
110
-.066
DL747A
3.6
20
24
10
30
100
-.058
DL748A
3.9
20
23
10
30
95
-.046
DL749A
4.3
20
22
2
30
85
-.033
DL750A
4.7
20
19
2
30
75
-.015
DL751A
5.1
20
17
1
20
70
±.010
DL752A
5.6
20
11
1
20
65
+.030
DL753A
6.2
20
7.0
0.1
20
60
+.049
DL754A
6.8
20
5.0
0.1
20
55
+.053
DL755A
7.5
20
6.0
0.1
20
50
+.057
DL756A
8.2
20
8.0
0.1
20
45
+.060
DL757A
9.1
20
10
0.1
20
40
+.061
DL758A
10
20
17
0.1
20
35
+.062
DL759A
12
20
30
0.1
20
30
+.062
Note:
1) Tested with pulses tp= 20ms
2) Valid provided that leads are kept at ambient temperature at a
distance of 8mm from case.
3) Zener impedance derived by superimposing on IZT, a 60 cps, rms
ac current equal to 10% IZT (2 mA ac)
4) Allowance has been made for the increase in VZ due to ZZ and for
the increase in junction temperature as the unit approaches
thermal equilibrium at the power dissipation of 400mW.
MCC
DL746A thru DL759A
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Revision:
B
20
12/08/23



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com