Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL4685 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DL4685
Description  500mW Silicon Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4685 Datasheet(HTML) 2 Page - Micro Commercial Components

  DL4685 Datasheet HTML 1Page - Micro Commercial Components DL4685 Datasheet HTML 2Page - Micro Commercial Components DL4685 Datasheet HTML 3Page - Micro Commercial Components DL4685 Datasheet HTML 4Page - Micro Commercial Components DL4685 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micro Commercial Components
MCC
TM
Revision:
A
20
11/01/01
DL4678-DL4713
Electrical Characteristics (TL= 30
OC Unless Otherwise Noted, VF=1.5V Max @ IF=100mA for all types)
Zener Voltage
(2)
Leakage Current
(3)
VZ (Volts)
@ IZT
IR @ VR
IZM
(4)
VZ
(5)
Device
(1)
Min
Nom
Max
µA
µ M
A
ax
Volts
mA
Volts
DL4678
1.71
1.8
1.89
50
7.5
1.0
120
0.7
DL4679
1.90
2.0
2.10
50
5.0
1.0
110
0.7
DL4680
2.09
2.2
2.31
50
5.0
1.0
100
0.75
DL4681
2.28
2.4
2.52
50
2.0
1.0
95
0.8
DL4682
2.565
2.7
2.835
50
1.0
1.0
90
0.85
DL4683
2.85
3.0
3.15
50
0.8
1.0
85
0.9
DL4684
3.135
3.3
3.465
50
7.5
1.5
80
0.95
DL4685
3.42
3.6
3.78
50
7.5
2.0
75
0.95
DL4686
3.705
3.9
4.095
50
5.0
2.0
70
0.97
DL4687
4.085
4.3
4.515
50
4.0
2.0
65
0.99
DL4688
4.465
4.7
4.935
50
10
3.0
60
0.99
DL4689
4.845
5.1
5.355
50
10
3.0
55
0.97
DL4690
5.32
5.6
5.88
50
10
4.0
50
0.96
DL4691
5.89
6.2
6.51
50
10
5.0
45
0.95
DL4692
6.46
6.8
7.14
50
10
5.1
35
0.9
DL4693
7.125
7.5
7.875
50
10
5.7
31.8
0.75
DL4694
7.79
8.2
8.61
50
1.0
6.2
29
0.5
DL4695
8.265
8.7
9.135
50
1.0
6.6
27.4
0.4
DL4696
8.645
9.1
9.555
50
1.0
6.9
26.2
0.08
DL4697
9.50
10
10.5
50
1.0
7.6
24.8
0.1
DL4698
10.45
11
11.55
50
0.05
8.4
21.6
0.11
DL4699
11.40
12
12.6
50
0.05
9.1
20.4
0.12
DL4700
12.35
13
13.65
50
0.05
9.8
19
0.13
DL4701
13.30
14
14.7
50
0.05
10.6
17.5
0.14
DL4702
14.25
15
15.75
50
0.05
11.4
16.3
0.15
DL4703
15.20
16
16.8
50
0.05
12.1
15.4
0.16
DL4704
16.15
17
17.85
50
0.05
12.9
14.5
0.17
DL4705
17.10
18
18.9
50
0.05
13.6
13.2
0.18
DL4707
19.00
20
21
50
0.01
15.2
11.9
0.2
DL4711
25.65
27
28.35
50
0.01
20.4
8.8
0.27
DL4713
28.5
30
31.5
50
0.01
22.8
7.9
0.3
Note:
1) Tolerance and type number designation (V
Z)
The type numbers listed have a standard tolerance of ±5% on the nominal zener voltage.C for
2%
.
2) Zener voltage (V
Z) measurement
The zener voltage is measured with the device junction in the thermal equilibrium at the lead
temperature (TL) at 30
OC ± 1OC and 3/8” lead length.
3) Reverse leakage current (I
R)
Reverse leakage currents are guaranteed and measured at VR shown on the table.
4) Maximum zener current rating (IZM)
Maximum zener current ratings are based on maximum zener voltage of the individual units
and JEDEC 250mW rating.
5) Maximum voltage change ( V
Z)
Voltage change is equal to the difference between VZ at 100
µA and at 10µA
www.mccsemi.com
2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com