Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1672 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1672
Description  12-BIT, 3 MSPS, A TO D CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 2 Page - Analog Devices

  AD1672 Datasheet HTML 1Page - Analog Devices AD1672 Datasheet HTML 2Page - Analog Devices AD1672 Datasheet HTML 3Page - Analog Devices AD1672 Datasheet HTML 4Page - Analog Devices AD1672 Datasheet HTML 5Page - Analog Devices AD1672 Datasheet HTML 6Page - Analog Devices AD1672 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AD1672
ASD0010965 Rev. O | Page 2 of 7
PIN DESCRIPTION
Symbol
Pin
No.
Type
Name and Function
DRCOM
1
P
Digital Output Drive Ground
BIT 12
2
DO
Data Bit (LSB).
Bit 2-11
3-12
DO
Data Bits
BIT 1
13
DO
Data Bit (MSB).
DRVDD
14
P
+5V Digital Output Drive Supply (3.0V to 5.25V)
OTR
15
DO
Out of Range is Active High on the leading edge of
Code 0 or the trailing edge of Code 4096. See
Output Data Format Table V.
CLOCK
16
DI
Sample Clock
VDD
17
P
+5V Digital Supply
DCOM
18
P
Digital Ground
REFCOM
19,
24
P
Analog Ground
REFOUT
20
AO
2.5V Reference Output (Decouple with 1
F ceramic
capacitor to REFCOM).
AIN1
21
AI
Analog Input
AIN2
22
AI
Analog Input
REFIN
23
AI
Reference Input
NCOMP2
25
AO
Noise Compensation (Decouple with 1
F ceramic
capacitor to ACOM).
NCOMP1
26
AO
Noise Compensation (Decouple with 1
F ceramic
capacitor to ACOM).
ACOM
27
P
Analog Ground
VCC
28
P
+5V Analog Supply
TYPE: AI = Analog Input; DI = Digital Input; P = Power
AO = Analog Output; DO = Digital Output
Figure 1 - Terminal connections.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com