Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9278 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9278
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9278 Datasheet HTML 25Page - Analog Devices AD9278 Datasheet HTML 26Page - Analog Devices AD9278 Datasheet HTML 27Page - Analog Devices AD9278 Datasheet HTML 28Page - Analog Devices AD9278 Datasheet HTML 29Page - Analog Devices AD9278 Datasheet HTML 30Page - Analog Devices AD9278 Datasheet HTML 31Page - Analog Devices AD9278 Datasheet HTML 32Page - Analog Devices AD9278 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
AD9278
Data Sheet
Rev. A | Page 28 of 44
0.1µF
0.1µF
0.1µF
CMOS DRIVER
OPTIONAL
100Ω
0.1µF
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
AD951x FAMILY
3.3V
OUT
VFAC3
CLK–
CLK+
AD9278
50Ω*
Figure 54. Single-Ended 3.3 V CMOS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to the clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. The AD9278 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows a wide range
of clock input duty cycles without affecting the performance of
the AD9278. When the DCS is on, noise and distortion perfor-
mance are nearly flat for a wide range of duty cycles. However,
some applications may require the DCS function to be off. If so,
keep in mind that the dynamic range performance can be affected
when operated in this mode. See Table 19 for more details on
using this feature.
The duty cycle stabilizer uses a delay-locked loop (DLL) to
create the nonsampling edge. As a result, any changes to the
sampling frequency require approximately eight clock cycles
to allow the DLL to acquire and lock to the new rate.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency (fA)
due only to aperture jitter (tJ) can be calculated as follows:
SNR Degradation = 20 × log 10(1/2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter. IF undersampling applications
are particularly sensitive to jitter (see Figure 55).
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD9278.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators make
the best clock sources, such as the Valpey Fisher VFAC3 series.
If the clock is generated from another type of source (by gating,
dividing, or other methods), it should be retimed by the original
clock during the last step.
Refer to the AN-501 Application Note and the AN-756
Application Note for more in-depth information about how
jitter performance relates to ADCs (visit www.analog.com).
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
0.25ps
Figure 55. Ideal SNR vs. Input Frequency and Jitter
Power Dissipation and Power-Down Mode
As shown in Figure 56 and Figure 57, the power dissipated by
the AD9278 is proportional to its sample rate. The digital power
dissipation does not vary significantly because it is determined
primarily by the DRVDD supply and the bias current of the
LVDS output drivers.
0
50
100
150
200
250
300
0
10
20
30
40
50
60
70
SAMPLING FREQUENCY (MSPS)
IAVDD1, MODE I, fSAMPLE = 40MSPS
IAVDD1,MODE II, fSAMPLE = 25MSPS
IAVDD1, MODE III, fSAMPLE =50MSPS
IAVDD1, MODE IV, fSAMPLE = 65MSPS
IDRVDD
Figure 56. Supply Current vs. fSAMPLE for fIN = 5 MHz
60
65
70
75
80
85
90
95
100
105
110
0
10
20
30
40
50
60
70
SAMPLING FREQUENCY (MSPS)
MODE IV,
fSAMPLE = 65MSPS
MODE III,
fSAMPLE = 50MSPS
MODE II,
fSAMPLE = 25MSPS
MODE I,
fSAMPLE = 40MSPS
Figure 57. Power per Channel vs. fSAMPLE for fIN = 5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com