Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCXO2EV-T12.288T3 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # VCXO2EV-T12.288T3
Description  Downhole and Well drilling equipments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

VCXO2EV-T12.288T3 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  VCXO2EV-T12.288T3 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND VCXO2EV-T12.288T3 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
VCXO2E familypackage5×3.2mm
T range up to 210°C 5 to 40MHz
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Absolute Frequency Pulling range APR
(Minimum frequency deviation including 2)*
Tempperature range
B= -40 to 85°C
C= -55 to 125°C
R= -10 to 150°C
S= -10 to 175°C
T= -10 to 210°C
ΔF/F ± 130
± 110
± 90
± 50
± 30
ppm
Supply voltage ± 5%
1)*
Vdd
3.3
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time
(load 15pf 20% to 80%)
≤5
ns
Level "0" & "1"
<0.4>Vdvd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Downhole and Well drilling equipments
- Avionics
- Airbone equipments
- Geothermal equipments
- Firefighterequipments
The VCXO2E's are supplied on trays (128 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT Voltage control oscillator in
ceramic package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low internal MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
5.00
2.35
3.20
1.6
1.6
1
2
3
4
1.5
2.7
1.5
4
3
1
2
pin 1 Vc
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd
* 2) APR is inclusive of frequency deviation due to stability
adjustment at +25°C,
long term aging 1 year
over supply voltage ±5%
over load min to max
frequency stability over T range


Similar Part No. - VCXO2EV-T12.288T3

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
More results

Similar Description - VCXO2EV-T12.288T3

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO6E MICROCRYSTAL-MCSO6E Datasheet
280Kb / 2P
Downhole and Well drilling equipments
MCSO1E MICROCRYSTAL-MCSO1E_17 Datasheet
417Kb / 2P
Downhole and Well drilling equipments
MCSO1F MICROCRYSTAL-MCSO1F_17 Datasheet
417Kb / 2P
Airbone equipments
MCSO2E MICROCRYSTAL-MCSO2E_17 Datasheet
346Kb / 2P
Downhole and Well drilling equipments
MCSO2EL MICROCRYSTAL-MCSO2EL_17 Datasheet
348Kb / 2P
Downhole and Well drilling equipments
MCSO2EU MICROCRYSTAL-MCSO2EU_17 Datasheet
347Kb / 2P
Downhole and Well drilling equipments
MCSO2L MICROCRYSTAL-MCSO2L Datasheet
331Kb / 2P
Airborne equipments
MCSO6 MICROCRYSTAL-MCSO6_17 Datasheet
302Kb / 2P
Airbone equipments
MCSO6E MICROCRYSTAL-MCSO6E_17 Datasheet
305Kb / 2P
Downhole and Well drilling equipments
MCSO1EL MICROCRYSTAL-MCSO1EL_17 Datasheet
412Kb / 2P
Downhole and Well drilling equipments
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com