Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF3039 Datasheet(PDF) 21 Page - ON Semiconductor

Part # FDMF3039
Description  Smart Power Stage (SPS) Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3039 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FDMF3039 Datasheet HTML 14Page - ON Semiconductor FDMF3039 Datasheet HTML 15Page - ON Semiconductor FDMF3039 Datasheet HTML 16Page - ON Semiconductor FDMF3039 Datasheet HTML 17Page - ON Semiconductor FDMF3039 Datasheet HTML 18Page - ON Semiconductor FDMF3039 Datasheet HTML 19Page - ON Semiconductor FDMF3039 Datasheet HTML 20Page - ON Semiconductor FDMF3039 Datasheet HTML 21Page - ON Semiconductor FDMF3039 Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
© 2016 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FDMF3039 • Rev. 2
21
www.onsemi.com
Land Pattern Recommendation
Figure 35.
22-Lead, Clip Bond PQFN SPS, 3.5 mm x 4.5 mm Package Land Pattern Recommendation
NOTES: UNLESS OTHERWISE SPECIFIED
A) DOES NOT FULLY CONFORM TO JEDEC
REGISTRATION MO-220, ISSUE K.01, DATED
AUG. 2011.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH. MOLD FLASH OR
BURRS DOES NOT EXCEED 0.10MM.
D) DIMENSIONING AND TOLERANCING PER
ASME Y14.5M-2009.
E) DRAWING FILE NAME: MKT-PQFN22AREV1
0.500
C.L.
C.L.
LAND PATTERN RECOMMENDATION
SCALE 2:1
0.500
0.300 (22X)
1.000
0.500
1.000
1.500
1.825
2.075
2.400
1.500
1.000
0.500
1.000
1.500
2.400
1.875
0.095
1.500
15
14
13
12
16
2
3
4
51
0.000
6
7
8
1.495
0.375
0.375
0.725
1.475
22
21
20
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com