Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF5821 Datasheet(PDF) 16 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FDMF5821 Datasheet HTML 12Page - ON Semiconductor FDMF5821 Datasheet HTML 13Page - ON Semiconductor FDMF5821 Datasheet HTML 14Page - ON Semiconductor FDMF5821 Datasheet HTML 15Page - ON Semiconductor FDMF5821 Datasheet HTML 16Page - ON Semiconductor FDMF5821 Datasheet HTML 17Page - ON Semiconductor FDMF5821 Datasheet HTML 18Page - ON Semiconductor FDMF5821 Datasheet HTML 19Page - ON Semiconductor FDMF5821 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
15
Exiting 3-State with Low BOOT-SW Voltage
The SPS module is used in multi-phase VR topologies
requiring the module to wait in 3-state condition for an
indefinite time. These long idle times can bleed the boot
capacitor down until eventual clamping occurs based
on PVCC and VOUT. Low BOOT-SW can cause
increased propagation delays in the level-shift circuit as
well as all HDRV floating circuitry, which is biased from
the BOOT-SW rail. Another issue with a depleted
BOOT-SW capacitor voltage is the voltage applied to
the HS MOSFET gate during turn-on. A low BOOT-SW
voltage results in a very weak HS gate drive, hence,
much
larger
HS
RDS(ON) and increased risk for
unreliable operation since the HS MOSFET may not
turn-on if BOOT-SW falls too low.
To address this issue, the SPS monitors for a low
BOOT-SW voltage when the module is in 3-state
condition. When the module exits 3-state condition with
a low BOOT-SW voltage, a 100 ns minimum GL on
time is output regardless of the PWM input. This
ensures the boot capacitor is adequately charged to a
safe operating level and has minimal impact on
transient response of the system. Scenarios of exiting
3-state condition are listed below.
If the part exits 3-state with a low BOOT-SW voltage
condition and the controller commands PWM=HIGH,
the SPS outputs a 100 ns GL pulse and follows the
PWM=HIGH command (see Figure 30).
If the part exits 3-state with a low BOOT-SW
voltage condition and the controller commands
PWM=LOW for 100 ns or more, the SPS follows
the PWM input. If PWM=LOW for less than 100 ns,
GL remains on for 100 ns then follows the PWM
input (see Figure 31 and Figure 32).
If no low BOOT-SW condition is detected, the SPS
follows the PWM command when exiting 3-state
(see Figure 33).
The SPS momentarily stays in an adaptive dead time
mode when exiting 3-state condition or at initial power-
up. This adaptive dead time mode lasts for no more
than two (2) consecutive switching cycles, giving the
boot capacitor ample time to recharge to a safe level.
The module switches back to fixed dead time control for
maximum efficiency.
Low BOOT-SW voltage detected
PWM
GL
GH to
PHASE
LOW
BOOT-SW
detect
GL / GH
off
VIH_PWM
100 ns
GL pulse
Figure 30.
Low BOOT-SW Voltage Detected and
PWM from 3-State to HIGH
GL / GH
off
PWM LOW
> 100 ns
> 100 ns
GL pulse
VIL_PWM
PWM
GL
GH to
PHASE
LOW
BOOT-SW
detect
Low BOOT-SW voltage detected
Figure 31.
Low BOOT-SW Voltage Detected and
PWM from 3-State to LOW for more than 100 ns
GL / GH
off
PWM LOW
< 100 ns
100 ns
GL pulse
VIL_PWM
PWM
GL
GH to
PHASE
LOW
BOOT-SW
detect
Low BOOT-SW voltage detected
Figure 32.
Low BOOT-SW voltage Detected and
PWM from 3-State to LOW for Less than 100 ns
GH to
PHASE
GL / GH
off
Low BOOT-SW voltage NOT detected
LOW
BOOT-SW
detect
GL / GH
off
VIH_PWM
PWM
GL
VIL_PWM
Figure 33.
Low BOOT-SW Voltage NOT Detected
and PWM from 3-State to HIGH or LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com