Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF5833 Datasheet(PDF) 16 Page - ON Semiconductor

Part # FDMF5833
Description  Smart Power Stage (SPS) Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5833 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FDMF5833 Datasheet HTML 12Page - ON Semiconductor FDMF5833 Datasheet HTML 13Page - ON Semiconductor FDMF5833 Datasheet HTML 14Page - ON Semiconductor FDMF5833 Datasheet HTML 15Page - ON Semiconductor FDMF5833 Datasheet HTML 16Page - ON Semiconductor FDMF5833 Datasheet HTML 17Page - ON Semiconductor FDMF5833 Datasheet HTML 18Page - ON Semiconductor FDMF5833 Datasheet HTML 19Page - ON Semiconductor FDMF5833 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.onsemi.com
16
Zero Cross Detect (ZCD) Operation
The ZCD control block houses the circuitry that
determines when the inductor current reverses direction
and controls when to turn off the low-side MOSFET. A
low offset comparator monitors the SW-to-PGND
voltage of the low-side MOSFET during the LS
MOSFET on-time. When the sensed voltage switches
polarity from negative to positive, the comparator
changes state and reverse current has been detected.
This comparator offset must sense the negative VSW
within a 0.5 mV worst-case range. The negative offset
is to ensure the inductor current never reverses; some
small body-diode conduction is preferable to having
negative current.
The comparator is switched on after the rising edge of
the low-side gate drive and turned off by the signal at
the input to the low-side gate driver. In this way, the
zero-current comparator is connected with a break-
before-make connection, allowing the comparator to be
designed with all low-voltage transistors.
PWM
ZCD#
GH to
SW
GL
SW
Inductor
Current
(simplified
slopes)
SW
(zoom)
VIH_ZCD#
tPD_PHGLL
VIL_ZCD#
VIH_PWM
VIH_PWM
VIH_PWM
VIL_PWM
10%
90%
90%
10%
tD_DEADON
tPD_PLGHL
tD_DEADOFF
tPD_PHGLL
tD_DEADON2
tPD_ZCD
10%
10%
90%
tPD_PHGHH
10%
Delay from PWM going
HIGH to HS VGS HIGH
(HS turn-on in DCM)
90%
10%
90%
tPD_ZHGLH
tPD_ZLGLL
Delay from ZCD# going
HIGH to LS VGS HIGH
Delay from ZCD# going
LOW to LS VGS LOW
VIN
VOUT
CCM
CCM
(Negative inductor current)
DCM
DCM
CCM operation with
positive inductor current
CCM operation with
negative inductor current
DCM operation: Diode
Emulation using the GL (LS
MOSFET VGS) to eliminate
negative inductor current
DCM operation: Diode
Emulation using the GL (LS
MOSFET VGS) to eliminate
negative inductor current
ZCD# used to
control negative
inductor current
(fault condition)
VZCD_OFF :
-0.5mV
Figure 36.
ZCD# & PWM Timing Diagram
Thermal Warning Flag (THWN#)
The FDMF5833 provides a thermal warning (THWN) for
over-temperature conditions. The THWN flag pulls
THWN# pin LOW (to AGND) if the driver IC detects the
125°C activation temperature. The THWN# pin output
returns to high-impedance state once the temperature
falls to the 110°C reset temperature. Figure 37 shows
the THWN# operation. THWN does not disable the SPS
module and works independently of other features.
The THWN mode of operation requires a pull-up resistor
to VCC rail. THWN# flag is active LOW.
Thermal Shutdown (THDN)
A programmed thermal shutdown engages once the
driver TJ reaches 150°C. The shutdown event is a
latched shut down, where the THDN signal clocks the
fault latch and physically pulls down the EN pin.
Recycling 5 V VCC (POR event) is required to re-enable
the driver IC.
W
Figure 37.
Gate Driver TJ vs. VTHWN#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com