Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF6705B Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF6705B
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6705B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF6705B Datasheet HTML 5Page - ON Semiconductor FDMF6705B Datasheet HTML 6Page - ON Semiconductor FDMF6705B Datasheet HTML 7Page - ON Semiconductor FDMF6705B Datasheet HTML 8Page - ON Semiconductor FDMF6705B Datasheet HTML 9Page - ON Semiconductor FDMF6705B Datasheet HTML 10Page - ON Semiconductor FDMF6705B Datasheet HTML 11Page - ON Semiconductor FDMF6705B Datasheet HTML 12Page - ON Semiconductor FDMF6705B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705B • Rev. 1.0.3
8
Typical Performance Characteristics
Test Conditions: VIN=12 V, VOUT=1.0 V, VCIN=5 V, VDRV=5 V, LOUT=320 nH, TA=25°C, and natural convection cooling,
unless otherwise specified.
Figure 6. Safe Operating Area
Figure 7. Module Power Loss vs. Output Current
Figure 8. Module Power Loss vs. Output Current
Figure 9. Module Power Loss vs. Switching
Frequency
Figure 10. Normalized Power Loss vs. Input Voltage
Figure 11. Normalized Power Loss vs. Driver
Supply Voltage
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
150
PCB Temperature (°C)
fSW = 300kHz
fSW = 1MHz
VIN = 12V, VOUT = 1.0V
Θ
JPCB = 3.5°C/W
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
40
Output Current, IOUT (A)
300kHz
500kHZ
800kHz
1MHz
VIN = 12V, VOUT = 1V
0
1
2
3
4
5
6
7
8
9
10
11
12
0
5
10
15
20
25
30
35
40
Output Current, IOUT (A)
300kHz
500kHz
800kHz
1MHz
VIN = 19V, VOUT = 1V
1
2
3
4
5
6
7
8
9
200
300
400
500
600
700
800
900
1000
Module Switching Frequency, fSW (kHz)
Vin = 19V, Iout = 30A
Vin = 12V, Iout = 30A
Vin = 19V, Iout = 20A
Vin = 12V, Iout = 20A
0.95
1.00
1.05
1.10
1.15
1.20
4
6
8
10121416
18
20
Module Input Voltage, VIN (V)
IOUT = 30A, fSW = 300kHz
0.90
0.95
1.00
1.05
1.10
1.15
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VDRV and VCIN (V)
VIN = 12V, IOUT = 30A, fSW = 300kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com